Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 10Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 11Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 12Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 13Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 14Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Analog Integrated Circuit Device Data
11
Freescale Semiconductor
BC3770
Deglitch Timer (12) (CONTINUED)
tVSYSOK_DEB
VSYSOK Deglitch Time
• Duration VSYS stays above 3.6 V to set the VSYSOK interrupt
bit = 1 and pull the INTB pin Low in
VBUSOK = ENCOMPARATOR = 1
—
27
—
ms
tVSYSNG_DEB
VSYSNG Deglitch Time
• Duration VSYS stays at/below the VVSYS_MIN_OLP threshold to
set the VSYSNG interrupt bit = 1 and pull the INTB pin Low in
Discharge mode and ENCOMPARATOR = 1
—
27
—
ms
tVSYSOLP_DEB
VSYSOLP Deglitch Time
• Duration VSYS stays at/below the VVSYS_MIN_OLP threshold to
set the VSYSOLP interrupt bit = 1 and pull the INTB pin Low in
Overload mode and VBUSOK = 1
—
27
—
ms
Boost Converter
IS_OTG
Boost Supply Current
• In OTG enabled with no load
—
3.0
—
mA
Output Regulation Voltage Range
• Programmable at PMID
5.0
—
5.2
V
ILIM_OTG
Cycle-by-Cycle Current Limit
—
2.4
—
A
VBO_REG
Boost Output Regulation Voltage at VBUS
•3.0 V
VBATREG  4.45 V, set to 5.1 V at PMID, 0 mA  ILOAD 
900 mA
4.75
5.0
5.25
V
(13), (14)
IBO_MAX
Maximum Continuous Output Current at VBUS
•3.0 V
VBATREG  4.45 V
0.9
—
—
A
(13)
VBAT_MAX_BO
Battery Operation Voltage Range
• For the regulated output
3.0
—
4.45
V
(13)
VSTART_BO
BATREG Start Threshold Voltage for Boost
•VBATREG rising
—
2.9
—
V
VSTOP_BO
BATREG Stop Threshold Voltage for Boost
•VBATREG falling
—
2.5
—
V
VBUS_OVP_H
Overvoltage Protection at VBUS
• VBUS rising, 400 mV Hysteresis
—
5.4
—
V
INTB
Output Low Voltage
•ISINK = 5.0 mA
—
—
0.4
V
Logic Inputs (CHGENB, SHDNB, and NOBAT)
VIH
Logic Input High Voltage
1.2
—
—
V
VIL
Logic Input Low Voltage
—
—
0.4
V
RPD
Pull-down Resistance to GND
• On CHGENB & SHDNB pin
—
300
—
k
RPU
Pull-up Resistance to VL
• On NOBAT pin
—
300
—
k
Notes
13.
Guaranteed by design, characterization, and correlation with process controls. Not fully tested in production.
14.
The regulation in boost is only guaranteed in the operation range.
Table 4. BC3770 Electrical Characteristics (continued)
Characteristics noted under conditions: VVBUS = 5.0 V, VBATREG = 3.7 V, VVIO = 1.8 V, CVBUS = CPMID = 2.2 F, CVSYS = 10 F,
CCHGOUT = 4.7 F, CVL = 1.0 F, L = 1.0 H, TA = - 40 °C to 85 °C *). Typical values are at TA = 25°C, unless otherwise noted. (6)
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com