Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 28Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 29Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 30Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 31Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 32Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 33Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
32
BC3770
5.5.5.8
CTRL: ON/OFF Control Register
5.5.5.9
VBUSCTRL: VBUS Input Current Limit
Address
(hex)
Mode
Reset Condition:
VSYS
 VSYS_UVLO
reset: 0x42
07
R/W
Bit
Name
Reset
Description
7
Reserved
0
Write “0”
6
ENCOMPARATOR
1
Enable/Disable the comparators to detect “BATOVP”, WEAKBAT”, “VSYSOK”, “VSYSNG”
and “DISLIMIT” interrupt events in the registers from 00h to 02h.
0: Turn Off the comparators
1: Turn On the comparators
5
Reserved
0
Do Not write “1”
4
Reserved
0
Do Not write “1”
3
RESET
0
Software Reset
0: No Reset
1: Reset all charge parameters on all registers (except interrupt, interrupt mask registers
and status register) (return to 0 after writing 1)
2
SUSPEN
0
Enable/Disable Suspend mode (Turn off the FET between VBUS and PMID)
0: Disable Suspend mode (Q1 FET ON)
1: Enable Suspend mode (Q1 FET in Hi-Z Mode)
1
CHGEN
1
Enable/Disable Battery Charger
0: Disabled
1: Enabled
0
ENBOOST
0
Enable/Disable OTG mode in Boost
0: Disable OTG mode
1: Enable OTG mode
Address (hex)
Mode
Reset Condition:
VSYS
 VSYS_UVLO
Reset: 0x08
08
R/W
Bit
Name
Reset
Description
7:6
Reserved
00
Write “00”
5:0
VBUSLIMIT
00 1000
Program the Input Current Limit, IIN_LIM, on VBUS in mA
Max current is limited to 2050 mA (All above 10 0111 set to 2.05 A)
500 mA Default
IIN_LIM = [100 mA + Dec. (bit 5:0) * 50 mA] (mA)
i.g: 500 mA = 100 mA + Dec. 8 (Bin 00 1000) * 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com