Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 33Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 38Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 39Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 40Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Analog Integrated Circuit Device Data
37
Freescale Semiconductor
BC3770
6
Typical Applications
6.1
Introduction
The BC3770 can be configured in several applications. Figure 22 shows the BC3770 in a typical application.
6.1.1
Application Diagram
Figure 22. Typical Applications
DC up to 6.2 V
Interrupt
SDA
SCL
Processor
GPIO
Processor
GPIO
1-Cell
Li-Ion
Battery
VBUS
LX
Current
Path
Control
150 C
Tj
PGND
+
VF
/ID
-
BUCK PWM,
CC, CV,
Registers
&I2C
INTERFACE
CONTROL
BLOCK
AICL
OVP
UVLO
+
-
+
-
+
-
THERMAL SHUTDOWN
System I/O
GND
2.2 μF
Application
System
IFAST_CHG
PWM
DRV
VBUS
VTH
Idischarge
+
-
VTrickle
VTH_TRK
Weak
Battery
2.2 μF
PMID
BOOT
+
-
Vprechg
Vpre-chg
Input
Current
Detect
Linear
ITrickle
Iprechg
VBUS
D-
D+
GND
USB/DCP
Adapter
Q1
(50 mΩ)
Q2
(50 mΩ)
Q3
(70 mΩ)
NOBAT
+
-
SDA
SCL
INTB
FS I2C
Interface
VL
CHGENB
VSYS
BC3770
disabled
enabled
1.5 MHz
VL
All other enable
conditions=1
Charger
Enabled
I2C bit,
SUSPEND=0
& CHGEN=1
1-Cell
Li-Ion
Battery
BATSNSN
VL
Internal
Regulator
PMID
+
-
Q4
(30mΩ)
THR
Reduction
100 C
Tj
+
-
THERMAL REGULATION
CHG disabled
CHG enabled
1.0 μF
22 nF
1.0 μH 10 μF
4.7μF
SHDNB
CHGOUT
BATREG
I2C
disable
I2C enabled
I2C disabled
connected on the PCB
VIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com