Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 26Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 27Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 28Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 29Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 30Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 31Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 32Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 33Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
30
BC3770
5.5.5.4
INTMSK1: Interrupt Mask Register 1
5.5.5.5
INTMSK2: Interrupt Mask Register 2
Address (hex)
MODE
Reset Condition:
VSYS
 VSYS_UVLO
Reset: 0x03
03
R/W
Bit
Name
Reset
Description
7
VBUSOVPM
0
0: Interrupt is enabled
1: VBUS OVP interrupt masked
6
VBUSUVLOM
0
0: Interrupt is enabled
1: VBUS falling UVLO interrupt masked
5
VBUSINOKM
0
0: Interrupt is enabled
1: Valid VBUS interrupt masked
4
AICLM
0
0: Interrupt is enabled
1: AICL interrupt masked
3
VBUSINLIMITM
0
0: Interrupt is enabled
1: VBUS Input Current Limit interrupt masked
2
BATOVPM
0
0: Interrupt is enabled
1: BAT OVP interrupt masked
1
THEMSHDNM
1
0: Interrupt is enabled
1: Thermal shutdown interrupt masked
0
THEMREGM
1
0: Interrupt is enabled
1: Thermal regulation interrupt masked
Address (hex)
Mode
Reset Condition:
VSYS ≤ VSYS_UVLO
Reset: 0xB8
04
R/W
Bit
Name
Reset
Description
7
FASTTMROFFM
1
0: Interrupt is enabled
1: Fast charger timer expired interrupt masked
6
NOBATM
0
0: Interrupt is enabled
1: No Battery interrupt masked
5
WEAKBATM
1
0: Interrupt is enabled
1: Weak battery interrupt masked
4
OTGFAILM
1
0: Interrupt is enabled
1: Boost failed interrupt masked
3
PRETMROFFM
1
0: Interrupt is enabled
1: Pre-charge timer expired interrupt masked
2
CHGRSTFM
0
0: Interrupt is enabled
1: Charger restart interrupt masked
1
DONEM
0
0: Interrupt is enabled
1: Done interrupt masked
0
TOPOFFM
0
0: Interrupt is enabled
1: Top-Off threshold interrupt masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com