Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 29Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 30Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 31Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 32Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 33Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Analog Integrated Circuit Device Data
33
Freescale Semiconductor
BC3770
5.5.5.10 CHGCTRL1: Charger Control Register 1
5.5.5.11 CHGCTRL2: Charger Control Register 2
Address (hex)
Mode
Reset Condition:
VSYS
VSYS_UVLO
Reset: 0x2F
09
R/W
Bit
Name
Reset
Description
7
Reserved
0
Write “0”
6:4
AICLTH
010
Program the AICL Threshold on VBUS
0x0: 4.3 V
0x1: 4.4 V
0x2: 4.5 V
0x3: 4.6 V
0x4: 4.7 V
0x5: 4.8 V
0x6: 4.9 V
0x7: 4.9 V
3
AUTOSTOP
1
Charger AUTOSTOP Control
0: Charger is on continuously and stays in CV mode after top-off timer is expired.
1: Automatic stop is enabled. After top-off timer is expired, the charger turns off and
goes into DONE state.
2
AICLEN
1
Enable/Disable the function of Adaptive-Input Current Limit on VBUS
0: Disable
1: Enable
1:0
PRECHG
11
Program the Pre-charge current in Pre-charge mode
00: 150 mA
01: 250 mA
10: 350 mA
11: 450 mA
Address (hex)
mOde
Reset Condition:
VSYS
VSYS_UVLO
Reset: 0x08
0A
R/W
Bit
Name
Reset
Description
7:6
Reserved
00
Write “00”
5:0
FASTCHG
00 1000
Program the fast-charge current IFAST_CHG, in mA
Max current is limited to 2.0 A (all bits above 10 0110 set to 2.0 A)
500 mA Default
IFAST_CHG = [100 mA + Dec. (bit 5:0) * 50 mA] (mA)
i.g: 500 mA= 100 mA + Dec. 8 (Bin 001000) * 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com