Electronic Components Datasheet Search
  English  ▼

X  

BC3770 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 10Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 11Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 12Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 13Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 14Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 15Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
12
BC3770
Weak Battery Detection
VWEAK_L
Weak Battery Programmable Range
• BATREG falling, programmable in 50 mV steps
3.0
—
3.75
V
Weak Battery Threshold Accuracy
-5.0
—
0.4
%
(15)
VWEAK_HYS
Weak Battery Voltage Hysteresis
• BATREG rising
—
100
—
mV
I2C Interface (15), (16)
VIH_I2C
I2C Logic Input High Threshold Voltage
•SDA, SCL
1.2
—
—
V
VIL_I2C
I2C Logic Input Low Threshold Voltage
•SDA, SCL
—
—
0.4
V
VOL_I2C
I2C Logic Output Low Voltage
•SDA at 3.0 mA sink current
—
—
0.4
V
fSCL
SCL Clock Frequency
0.0
—
400
kHz
Notes
15.
Guaranteed by design, characterization, and correlation with process controls. Not fully tested in production.
16.
The regulation in boost is only guaranteed in the operation range.
Table 4. BC3770 Electrical Characteristics (continued)
Characteristics noted under conditions: VVBUS = 5.0 V, VBATREG = 3.7 V, VVIO = 1.8 V, CVBUS = CPMID = 2.2 F, CVSYS = 10 F,
CCHGOUT = 4.7 F, CVL = 1.0 F, L = 1.0 H, TA = - 40 °C to 85 °C *). Typical values are at TA = 25°C, unless otherwise noted. (6)
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com