Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7768 Datasheet HTML 35Page - Analog Devices AD7768 Datasheet HTML 36Page - Analog Devices AD7768 Datasheet HTML 37Page - Analog Devices AD7768 Datasheet HTML 38Page - Analog Devices AD7768 Datasheet HTML 39Page - Analog Devices AD7768 Datasheet HTML 40Page - Analog Devices AD7768 Datasheet HTML 41Page - Analog Devices AD7768 Datasheet HTML 42Page - Analog Devices AD7768 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 39 of 99
0
5
10
15
20
25
30
35
40
–40
–25
–10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
ECO
FAST
MEDIAN
Figure 66. Supply Current vs. Temperature, AVDD2
–40
–25
–10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
ECO, SINC5
ECO, WIDEBAND
FAST, SINC5
FAST, WIDEBAND
MEDIAN, SINC5
MEDIAN, WIDEBAND
Figure 67. Supply Current vs. Temperature, IOVDD
0
50
100
150
200
250
300
350
400
450
500
–40
25
105
FAST, SINC5 FILTER
MEDIAN, SINC5 FILTER
ECO, SINC5 FILTER
FAST, WIDEBAND FILTER
MEDIAN, WIDEBAND FILTER
ECO, WIDEBAND FILTER
TEMPERATURE (°C)
Figure 68. Total Power vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com