Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 74 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD7768 Datasheet HTML 70Page - Analog Devices AD7768 Datasheet HTML 71Page - Analog Devices AD7768 Datasheet HTML 72Page - Analog Devices AD7768 Datasheet HTML 73Page - Analog Devices AD7768 Datasheet HTML 74Page - Analog Devices AD7768 Datasheet HTML 75Page - Analog Devices AD7768 Datasheet HTML 76Page - Analog Devices AD7768 Datasheet HTML 77Page - Analog Devices AD7768 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 74 of 99
CHANNEL STANDBY REGISTER
Address: 0x00, Reset: 0x00, Name: Channel Standby
Each of the ADC channels can be put into standby mode independently by setting the appropriate bit in the channel standby register.
When a channel is in standby mode, its position in the data output stream is held. The 8-bit header is all zeros, as is the conversion result
output of 24 zeros.
The VCM voltage output is associated with the Channel 0 circuitry. If Channel 0 is put into standby mode, the VCM voltage output is also
disabled for maximum power savings. Channel 0 must be enabled while VCM is being used externally to the AD7768.
The crystal excitation circuitry is associated with the Channel 4 circuitry. If Channel 4 is put into standby mode, the crystal circuitry is
also disabled for maximum power savings. Channel 4 must be enabled while the external crystal is used on the AD7768.
Table 38. Bit Descriptions for Channel Standby
Bits
Bit Name
Settings
Description
Reset
Access
7
CH_7
Channel 7
0x0
RW
0
Enabled
1
Standby
6
CH_6
Channel 6
0x0
RW
0
Enabled
1
Standby
5
CH_5
Channel 5
0x0
RW
0
Enabled
1
Standby
4
CH_4
Channel 4
0x0
RW
0
Enabled
1
Standby
3
CH_3
Channel 3
0x0
RW
0
Enabled
1
Standby
2
CH_2
Channel 2
0x0
RW
0
Enabled
1
Standby
1
CH_1
Channel 1
0x0
RW
0
Enabled
1
Standby
0
CH_0
Channel 0
0x0
RW
0
Enabled
1
Standby
CHANNEL MODE A REGISTER
Address: 0x01, Reset: 0x0D, Name: Channel Mode A
Two mode options are available on the AD7768 ADCs. The channel modes are defined by the contents of the Channel Mode A and
Channel Mode B registers. Each mode is then mapped as desired to the required ADC channel. Channel Mode A and Channel Mode B
allow different filter types and decimation rates to be selected and mapped to any of the ADC channels.
When different decimation rates are selected, the AD7768 output a data ready signal at the fastest selected decimation rate. Any channel
that runs at a lower output data rate is updated only at that slower rate. In between valid result data, the data for that channel is set to zero
and the repeated data bit is set in the header status bits to distinguish it from a real conversion result (see the ADC Conversion Output:
Header and Data section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com