Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 63 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD7768 Datasheet HTML 59Page - Analog Devices AD7768 Datasheet HTML 60Page - Analog Devices AD7768 Datasheet HTML 61Page - Analog Devices AD7768 Datasheet HTML 62Page - Analog Devices AD7768 Datasheet HTML 63Page - Analog Devices AD7768 Datasheet HTML 64Page - Analog Devices AD7768 Datasheet HTML 65Page - Analog Devices AD7768 Datasheet HTML 66Page - Analog Devices AD7768 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 63 of 99
Filter Type
In pin control mode, all channels operate using one filter
selection. The filter selected in pin control mode is determined
by the logic level of the FILTER pin. In SPI control mode, the
digital filters can be selected on a per channel basis, using the
mode registers. This header bit is 0 for channels using the
wideband filter, and 1 for channels using the sinc5 filter.
Filter Saturated
The filter saturated bit indicates that the filter output is clipping at
either positive or negative full scale. The digital filter clips if the
signal goes beyond the specification of the filter; it does not wrap.
The clipping may be caused by the analog input exceeding the
analog input range, or by a step change in the input, which may
cause overshoot in the digital filter. Clipping may also occur
when the combination of the analog input signal and the channel
gain register setting cause the signal seen by the filter to be
higher than the analog input range.
Channel ID
The channel ID bits indicate the ADC channel from which the
succeeding conversion data originates (see Table 34).
Table 34. Channel ID vs. Channel Number
Channel
Channel ID 2
Channel ID 1
Channel ID 0
Channel 0
0
0
0
Channel 1
0
0
1
Channel 2
0
1
0
Channel 3
0
1
1
Channel 4
1
0
0
Channel 5
1
0
1
Channel 6
1
1
0
Channel 7
1
1
1
Data Interface: Standard Conversion Operation
In standard mode operation, the AD7768/AD7768-4 operate as
the master and stream data to the DSP or FPGA. The AD7768/
AD7768-4 supply the data, the data clock (DCLK), and a falling
edge framing signal (DRDY) to the slave device. All of these
signals are synchronous. The data interface connections to
DSP/FPGA are shown in Figure 102. The FORMATx pins
determine how the data is output from the AD7768/AD7768-4.
Figure 97 through Figure 99 show the data interface operating
in standard mode at the maximum data rate. In all instances,
DRDY is asserted one clock cycle before the MSB of the data
conversion is made available on the data pin.
Each DRDY falling edge starts the output of the new ADC
conversion data. The first eight bits output after the DRDY falling
edge are the header bits; the last 24 bits are the ADC conversion
result.
Figure 97, Figure 98, and Figure 99 are distinct examples of the
impact of the FORMATx pins on the AD7768 output operating in
standard conversion operation. Figure 100 and Figure 101 show
two examples of the AD7768-4 interface configuration.
Figure 97 to Figure 99 represent running the AD7768 at
maximum data rate for the three FORMATx options.
Figure 97 shows FORMATx = 00 each ADC has its own data
out pin running at the MCLK/4 bit rate. In pin control mode, this is
achieved by selecting Mode 0xA (fast mode, DCLK = MCLK/4,
standard conversion, see Table 20) with the decimation rate set as
×32.
Figure 98 shows FORMATx = 01 share DOUT1 at the maximum
bit rate. In pin control mode, this is achieved by selecting Mode 0x8
(fast mode, DCLK = MCLK/1, standard conversion) with a
decimation rate of ×32.
If running in pin control mode, the example shown in Figure 99
represents Mode 0x4 (median mode, DCLK = MCLK/1,
standard conversion) with a decimation rate of ×32, giving the
maximum output data capacity possible on one DOUTx pin.
DCLK
DRDY
SAMPLE N
SAMPLE N + 1
D0
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
DOUT0
D...
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D...
D...
D...
DOUT1
D0
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D...
D...
DOUT7
D0
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
Figure 97. AD7768 FORMATx = 00: Each ADC Has a Dedicated Data Output Pin, Maximum Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com