Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 97 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD7768 Datasheet HTML 91Page - Analog Devices AD7768 Datasheet HTML 92Page - Analog Devices AD7768 Datasheet HTML 93Page - Analog Devices AD7768 Datasheet HTML 94Page - Analog Devices AD7768 Datasheet HTML 95Page - Analog Devices AD7768 Datasheet HTML 96Page - Analog Devices AD7768 Datasheet HTML 97Page - Analog Devices AD7768 Datasheet HTML 98Page - Analog Devices AD7768 Datasheet HTML 99Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 97 of 99
Bits
Bit Name
Settings
Description
Reset
Access
4
CH2_RX
Channel 2
0x0
RW
0
Not in use
1
Receive
1
CH1_RX
Channel 1
0x0
RW
0
Not in use
1
Receive
0
CH0_RX
Channel 0
0x0
RW
0
Not in use
1
Receive
ADC DIAGNOSTIC CONTROL REGISTER
Address: 0x57, Reset: 0x00, Name: Diagnostic Mux Control
The AD7768-4 ADC diagnostic allows the user to select a zero-scale, positive full-scale, or negative full-scale input to the ADC, which
can be converted to verify the correct operation of the ADC channel. This register controls the voltage that is applied to each of the ADC
channels for the diagnostic. There are three input voltage options that the user can select. The voltage selected is mapped to the channels based
on which mode (Mode A or Mode B) they belong to, which is set according to the channel mode select register (Register 0x03).
Set Bits[7:0] to 1 in the ADC diagnostic receive select register, then select the voltage check desired for the channels on Mode A and the
channels on Mode B through Bits[2:0] and Bits[6:4], respectively.
Table 86. Bit Descriptions for Diagnostic Mux Control
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
GRPB_SEL
Mux B.
0x0
RW
000
Off.
011
Positive full-scale ADC check. A voltage close to positive full scale is
applied internally to the ADC channel.
100
Negative full-scale ADC check. A voltage close to negative (or minus) full
scale is applied internally to the ADC channel.
101
Zero-scale ADC check. A voltage close to 0 V is applied internally to the
ADC channel.
[2:0]
GRPA_SEL
Mux A.
0x0
RW
000
Off.
011
Positive full-scale ADC check. A voltage close to positive full scale is
applied internally to the ADC channel.
100
Negative full-scale ADC check. A voltage close to negative (or minus) full
scale is applied internally to the ADC channel.
101
Zero-scale ADC check. A voltage close to 0 V is applied internally to the
ADC channel.
MODULATOR DELAY CONTROL REGISTER
Address: 0x58, Reset: 0x02, Name: Modulator Delay Control
Table 87. Bit Descriptions for Modulator Delay Control
Bits
Bit Name
Settings
Description
Reset
Access
[3:2]
CLK_MOD_DEL_EN
Enable delayed modulator clock.
0x0
RW
00
Disabled delayed clock for all channels.
01
Enable delayed clock for Channel 0 and Channel 1 only on the AD7768-4.
10
Enable delayed clock for Channel 2 and Channel 3 only on the AD7768-4.
11
Enable delayed clock for all channels.
[1:0]
Reserved
10
Not a user option. Must be set to 0x2.
0x2
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com