Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 3 Page - Analog Devices

  AD7768 Datasheet HTML 1Page - Analog Devices AD7768 Datasheet HTML 2Page - Analog Devices AD7768 Datasheet HTML 3Page - Analog Devices AD7768 Datasheet HTML 4Page - Analog Devices AD7768 Datasheet HTML 5Page - Analog Devices AD7768 Datasheet HTML 6Page - Analog Devices AD7768 Datasheet HTML 7Page - Analog Devices AD7768 Datasheet HTML 8Page - Analog Devices AD7768 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 3 of 99
Digital Filter RAM Built In Self Test (BIST) Register ............92
Status Register..............................................................................92
Revision Identification Register................................................93
GPIO Control Register...............................................................93
GPIO Write Data Register .........................................................94
GPIO Read Data Register ..........................................................94
Analog Input Precharge Buffer Enable Register Channel 0
And Channel 1.............................................................................94
Analog Input Precharge Buffer Enable Register Channel 2
And Channel 3.............................................................................95
Positive Reference Precharge Buffer Enable Register.............95
Negative Reference Precharge Buffer Enable Register...........95
Offset Registers............................................................................96
Gain Registers..............................................................................96
Sync Phase Offset Registers.......................................................96
ADC Diagnostic Receive Select Register.................................96
ADC Diagnostic Control Register............................................97
Modulator Delay Control Register ...........................................97
Chopping Control Register........................................................98
Outline Dimensions........................................................................99
Ordering Guide ...........................................................................99
REVISION HISTORY
3/16—Rev. 0 to Rev. A
Added AD7768-4 ...............................................................Universal
Changed Precharge Analog Input Reference to Analog Input
Precharge........................................................................ Throughout
Changes to General Description Section .......................................5
Changes to Table 1 ............................................................................6
Changes to Table 2 ..........................................................................12
Changes to Table 3 and t30 Parameter, Table 4.............................16
Changes to Table 5 ..........................................................................17
Changes to t30 Parameter, Table 6 and Figure 2...........................18
Changes to Figure 4 and Figure 7..................................................19
Changes to Figure 8 and Figure 9..................................................20
Changes to Figure 10 and Table 9 .................................................22
Added Figure 11 and Table 10; Renumbered Sequentially........26
Changes to Typical Performance Characteristics Section .........30
Changes to Theory of Operation Section and Clocking,
Sampling Tree, and Power Scaling Section..................................41
Changes to Table 11 ........................................................................42
Added Example of Power vs. Noise Performance Optimization
Section and Clocking Out the ADC Conversion Results
(DCLK) Section...............................................................................42
Changes to Applications Information Section and Figure 73 ...44
Changes to Table 14 and Power Supplies Section .......................45
Moved 1.8 V IOVDD Operation Section.....................................46
Changes to Figure 75, Analog Supply Internal Connectivity
Section, and Pin Control Section..................................................46
Added Figure 76 ..............................................................................47
Changes to Channel Standby Section and Accessing the ADC
Register Map Section ......................................................................49
Added Table 22 ................................................................................49
Changes to Channel Configuration Section................................50
Changes to Channel Modes Section, Reset over SPI Control
Interface Section, Sleep Mode Section, and Channel Standby
Section ..............................................................................................51
Changes to MCLK Source Selection Section, Interface
Configuration Section, and ADC Synchronization over SPI
Section ..............................................................................................52
Added Figure 81 ..............................................................................52
Changes to RAM Built In Self Test Section .................................53
Changes to Analog Inputs Section and Figure 85.......................55
Added Figure 86 ..............................................................................55
Added Table 27................................................................................56
Changes to VCM Section, Reference Input Section, and Digital
Filtering Section ..............................................................................56
Changes to Figure 87, Figure 88, and Figure 89..........................57
Changes to Antialiasing Section and Modulator Sampling
Frequency Section...........................................................................58
Changes to Modulator Chopping Frequency Section and
Table 29, and Modulator Saturation Point Section,....................59
Changes to Sync Phase Offset Adjustment Section....................60
Changes to Setting the Format of Data Output Section ............61
Added Table 32 and Figure 93.......................................................61
Changes to Figure 94 Caption and ADC Conversion Output:
Header and Data Section ...............................................................62
Changes to Data Interface: Standard Conversion Operation
Section ..............................................................................................63
Changes to Figure 99 ......................................................................64
Added Figure 100............................................................................64
Added Figure 101............................................................................65
Changes to Daisy-Chaining Section and Figure 104..................66
Added Figure 105............................................................................67
Changes to CRC Check on Data Interface Section ....................68
Changes to Table 35 ........................................................................69
Changes to Table 36 ........................................................................70
Changes to GPIO Functionality Section and Figure 108...........71
Added Figure 109............................................................................71
Changes to AD7768 Register Map Details (SPI Control) Section
and Table 37 .....................................................................................72
Changes to Channel Standby Register Section ...........................74
Changes to Table 42 and Table 43.................................................76
Changes to Table 44 ........................................................................77
Changes to Table 45 and Table 46.................................................78
Changes to Table 49 ........................................................................79
Changes to Table 61 ........................................................................85
Added AD7768-4 Register Map Details (SPI Control) Section and
Table 63......................................................................................................86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com