Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7768 Datasheet HTML 8Page - Analog Devices AD7768 Datasheet HTML 9Page - Analog Devices AD7768 Datasheet HTML 10Page - Analog Devices AD7768 Datasheet HTML 11Page - Analog Devices AD7768 Datasheet HTML 12Page - Analog Devices AD7768 Datasheet HTML 13Page - Analog Devices AD7768 Datasheet HTML 14Page - Analog Devices AD7768 Datasheet HTML 15Page - Analog Devices AD7768 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 12 of 99
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Sinc5 Filter
Fast
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off
168
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on
248
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
265
291
mW
Median
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off
94
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on
137
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
150
167
mW
Eco
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
reference precharge buffers off
40
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
reference precharge buffers on
55
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V, IOVDD =
3.6 V, reference precharge buffers off
64
74
mW
Standby Mode
All channels disabled (sinc5 filter enabled),
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V2
18
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V2
26
mW
AVDD1 = AVDD2 = 5.5 V, IOVDD = 3.6 V
29
mW
Sleep Mode2
Full power-down (SPI control mode),
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V
1.8
4
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V
2.5
5
mW
AVDD1 = AVDD2 = 5.5 V, IOVDD = 3.6 V
2.7
6.5
mW
1
The output data rate ranges refer to the programmable decimation rates available on the AD7768/AD7668-4 for a fixed MCLK rate of 32.768 MHz. Varying MCLK rates
allow users a wider variation of ODR.
2
These specifications are not production tested but are supported by characterization data at initial product release.
3
See the Terminology section for more information about the fa and fb input frequencies.
4
Following a system zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. A system full-scale calibration
reduces the gain error to the order of the noise for the programmed output data rate.
5
−25 µA is measured when the analog input is close to either the AVDD1 or AVSS rail. The input current reduces as the common-mode voltage approaches (AVDD1 −
AVSS)/2. The analog input current scales with the MCLK frequency and device power mode. See Figure 85 and Figure 86 for more details on how the analog input
current scales with input voltage.
6
For lower MCLK rates or higher decimation rates, use Table 35 and Table 36 to calculate any additional delay before the first DRDYE pulse.
7
The RESETE pin has an internal pull-up device to IOVDD.
8
Configuring Channel Mode A to the sinc5 filter and/or assigning disabled channels to Channel Mode A allows a lower power consumption to be achieved. To do this,
the user must be operating in SPI control mode because it requires assigning channels to different channel modes (only possible in SPI control mode). If using pin
control mode, all channels, whether active or in standby, are assigned to the same channel group and use the same filter type. This means that, in pin control mode, a
higher current consumption is seen from disabled channels than can be achieved in SPI mode. See the Channel Modes section for more details.
1.8 V IOVDD SPECIFICATIONS
AVDD1A = AVDD1B = 4.5 V to 5.5 V, AVDD2A = AVDD2B = 2.0 V to 5.5 V, IOVDD = 1.72 V to 1.88 V, AVSS = DGND = 0 V, REFx+ =
4.096 V and REFx− = 0 V, MCLK = 32.76 8 MHz, analog precharge buffers on, reference precharge buffers off, wideband filter, fCHOP =
fMOD/32, TA = −40°C to +105°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
For dynamic range and SNR across all decimation
rates, see Table 12 and Table 13
Fast
Decimation by 32, 256 kSPS ODR
Dynamic Range
Shorted input, wideband filter
106.2
108
dB
SNR
Sinc5 filter, 1 kHz, −0.5 dBFS, sine wave input
109
111
dB
Wideband filter, 1 kHz, −0.5 dBFS, sine wave input
106
107.8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com