Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7768 Datasheet HTML 13Page - Analog Devices AD7768 Datasheet HTML 14Page - Analog Devices AD7768 Datasheet HTML 15Page - Analog Devices AD7768 Datasheet HTML 16Page - Analog Devices AD7768 Datasheet HTML 17Page - Analog Devices AD7768 Datasheet HTML 18Page - Analog Devices AD7768 Datasheet HTML 19Page - Analog Devices AD7768 Datasheet HTML 20Page - Analog Devices AD7768 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 17 of 99
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
t28
SCLK disable time
0
ns
t29
CS high time
10
ns
t30
CS low time
fMOD = MCLK/4
1.1 × tMCLK
ns
fMOD = MCLK/8
2.2 × tMCLK
ns
fMOD = MCLK/32
8.8 × tMCLK
ns
1
These specifications are not production tested but are supported by characterization data at initial product release.
1.8 V IOVDD TIMING SPECIFICATIONS
AVDD1A = AVDD1B = 5 V, AVDD2A = AVDD2B = 5 V, IOVDD = 1.72 V to 1.88 V (DREGCAP tied to IOVDD), Input Logic 0 =
DGND, Input Logic 1 = IOVDD, CLOAD = 10 pF on DCLK pin, CLOAD = 20 pF on other digital outputs, TA = −40°C to +105°C. tODR is
1/ODR.
Table 5. Data Interface Timing1
Parameter
Description
Test Conditions/Comments
Min
Typ
Max
Unit
MCLK
Master clock
1.15
34
MHz
fMOD
Modulator frequency
Fast mode
MCLK/4
Hz
Median mode
MCLK/8
Hz
Eco mode
MCLK/32
Hz
t1
DRDY high time
tDCLK − 10%
28
ns
t2
DCLK rising edge to DRDY rising edge
2
ns
t3
DCLK rising to DRDY falling
−4.5
0
ns
t4
DCLK rise to DOUTx valid
2.0
ns
t5
DCLK rise to DOUTx invalid
−4
ns
t6
DOUTx valid to DCLK falling
8.5
tDCLK/2
ns
t7
DCLK falling edge to DOUTx invalid
8.5
tDCLK/2
ns
t8
DCLK high time, DCLK = MCLK/1
50:50 CMOS clock
tDCLK/2
tDCLK/2
(tDCLK/2) + 5
ns
t8a = DCLK = MCLK/2
tMCLK
ns
t8b = DCLK = MCLK/4
2 × tMCLK
ns
t8c = DCLK = MCLK/8
4 × tMCLK
ns
t9
DCLK low time DCLK=MCLK/1
50:50 CMOS clock
(tDCLK/2) − 5
tMCLK/2
(tDCLK/2
ns
t9a = DCLK = MCLK/2
tMCLK
ns
t9b = DCLK = MCLK/4
2 × tMCLK
ns
t9c = DCLK = MCLK/8
4 × tMCLK
ns
t10
MCLK rising to DCLK rising
CMOS clock
37
ns
t11
Setup time (daisy-chain inputs)
DOUT6 and DOUT7 on the
AD7768, DIN on the AD7768-4
14
ns
t12
Hold time (daisy-chain inputs)
DOUT6 and DOUT7 on the
AD7768, DIN on the AD7768-4
0
ns
t13
START low time
1 × tMCLK
ns
t14
MCLK to SYNC_OUT valid
CMOS clock
SYNC_OUT RETIME_EN bit
disabled; measured from falling
edge of MCLK
10
31
ns
SYNC_OUT RETIME_EN bit
enabled; measured from rising
edge of MCLK
15
37
ns
t15
SYNC_IN setup time
CMOS clock
0
ns
t16
SYNC_IN hold time
CMOS clock
11
ns
1
These specifications are not production tested but are supported by characterization data at initial product release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com