Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 64 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD7768 Datasheet HTML 60Page - Analog Devices AD7768 Datasheet HTML 61Page - Analog Devices AD7768 Datasheet HTML 62Page - Analog Devices AD7768 Datasheet HTML 63Page - Analog Devices AD7768 Datasheet HTML 64Page - Analog Devices AD7768 Datasheet HTML 65Page - Analog Devices AD7768 Datasheet HTML 66Page - Analog Devices AD7768 Datasheet HTML 67Page - Analog Devices AD7768 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 64 of 99
CH0 (N)
CH1 (N)
CH2 (N)
CH3 (N)
CH0 (N+1)
CH1 (N+1)
CH2 (N+1)
CH3 (N+1)
CH4 (N)
CH5 (N)
CH6 (N)
CH7 (N)
CH4 (N+1)
CH5 (N+1)
CH6 (N+1)
CH7 (N+1)
DCLK
DRDY
DOUT0
SAMPLE N
SAMPLE N + 1
DOUT1
DOUT7
DOUT2
Figure 98. AD7768 FORMATx = 01: Channel 0 to Channel 3 Share DOUT0, and Channel 4 to Channel 7 Share DOUT1, Maximum Data Rate
DCLK
DRDY
DOUT0
SAMPLE N
SAMPLE N + 1
SAMPLE N + 2
DOUT7
DOUT1
Figure 99. AD7768 FORMATx = 11 or 10: Channel 0 to Channel 7 Output on DOUT0 Only, Maximum Data Rate
DCLK
DRDY
SAMPLE N
SAMPLE N + 1
D0
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
DOUT0
D...
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D...
D...
D...
DOUT1
D0
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D...
D...
DOUT2
D0
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D...
D...
DOUT3
D0
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
D31
D4
D5
D28
D30 D29
D27
D0
D1
D2
D3
Figure 100. AD7768-4 FORMAT0 = 0: Each ADC Has a Dedicated Data Output Pin, Maximum Data Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com