Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 66 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD7768 Datasheet HTML 62Page - Analog Devices AD7768 Datasheet HTML 63Page - Analog Devices AD7768 Datasheet HTML 64Page - Analog Devices AD7768 Datasheet HTML 65Page - Analog Devices AD7768 Datasheet HTML 66Page - Analog Devices AD7768 Datasheet HTML 67Page - Analog Devices AD7768 Datasheet HTML 68Page - Analog Devices AD7768 Datasheet HTML 69Page - Analog Devices AD7768 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 66 of 99
Data Interface: One-Shot Conversion Operation
One-shot mode is available in both SPI and pin control modes.
This conversion mode is available by selecting one of Mode 0xC to
Mode 0xF when in pin control mode. In SPI control mode, set
Bit 4 (one shot) of Register 0x06, the data control register.
Figure 103 shows the device operating in one-shot mode.
In one-shot mode, the AD7768/AD7768-4 are pseudo slaves.
Conversions occur on request by the master device, for example,
the DSP or FPGA. The SYNC_IN pin initiates the conversion
request. In one-shot mode, all ADCs run continuously; however,
the rising edge of the SYNC_IN pin controls the point in time
from which data is output.
To receive data, the master must pulse the SYNC_IN pin to
reset the filter and force DRDY low. DRDY subsequently goes
high to indicate to the master device that the device has valid
settled data available. Unlike standard mode, DRDY remains
high for the number of clock periods of valid data before it goes
low again; thus, in this conversion mode, it is an active high
frame of the data.
When the master pulses SYNC_IN and the AD7768/AD7768-4
receive the rising edge of this signal, the digital filter is reset and
the full settling time of the filter elapses before the data is available.
The duration of the settling time depends on the filter path and
decimation rate. Running one-shot mode with the sinc5 filter
allows the fastest throughput, because this filter has a lower
settling time than the wideband filter.
As soon as settled data is available on any channel, the device
outputs data from all channels. The contents of Bit 6 of the channel
header status bits indicates whether the data is fully settled.
The period before the data is settled on all channels (tSETTLE) is
shown in Figure 103. After the data has settled on all channels,
DRDY is asserted high and the device outputs the required settled
data on all channels before DRDY is asserted low. If the user config-
ures the same filter and decimation rate on each ADC, the data is
settled for all channels on the first DRDY output frame, which
avoids a period of unsettled data prior to the settled data and
ensures that all data is output at the same time on all ADCs. The
device then waits for another SYNC_IN signal before outputting
more data.
Because all the ADCs are sampling continuously, one-shot mode
affects the sampling theory of the AD7768/AD7768-4. Particularly,
a user periodically sending a SYNC_IN pulse to the device is a
form of subsampling of the ADC output. The subsampling occurs
at the rate of the SYNC_IN pulses. The SYNC_IN pulse must be
synchronous with the master clock to ensure coherent sampling
and to reduce the effects of jitter on the frequency response.
Daisy-Chaining
Daisy-chaining devices allows numerous devices to use the
same data interface lines by cascading the outputs of multiple
ADCs from separate AD7768/AD7768-4 devices. Only one
ADC device has its data interface in direct connection with the
digital host.
For the AD7768/AD7768-4, this connection can be implemented
by cascading DOUT0 and DOUT1 through a number of devices,
or just using DOUT0; whether two data output pins or only one
data output pin is enabled depends on the FORMATx pins. The
ability to daisy-chain devices and the limit on the number of
devices that can be handled by the chain is dependent on the
power mode, DCLK, and the decimation rate employed.
The maximum usable DCLK frequency allowed when daisy-
chaining devices is limited by the combination of timing
specifications in Table 3 or Table 5, as well as by the propagation
delay of the data between devices and any skew between the MCLK
signals at each AD7768/AD7768-4 device. The propagation delay
and MCLK skew are dependent on the PCB layout and trace
lengths.
This feature is especially useful for reducing component count
and wiring connections, for example, in isolated multiconverter
applications or for systems with a limited interfacing capacity.
When daisy-chaining, on the AD7768, DOUT6 and DOUT7
become serial data inputs, and DOUT0 and DOUT1 remain as
serial data outputs under the control of the FORMATx pins. For
the AD7768-4 the DIN pin is the daisy chain serial data input
pin and DOUT0 is the serial data output pin.
START
SYNC_IN
DOUT1
DOUT0
DRDY
DOUT6
MCLK
DOUT7
SYNC_OUT
DSP/
FPGA
START
SYNC_IN
DOUT1
DOUT0
DRDY
DOUT6
MCLK
DOUT7
SYNC_OUT
DNC
DNC
IOVDD
IOVDD
START
SYNC_IN
DOUT1
DOUT0
DRDY
DOUT6
MCLK
DOUT7
SYNC_OUT
DNC
DNC
AD7768
AD7768
AD7768
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MASTER
CLOCK
Figure 104. Daisy-Chaining Multiple AD7768 Devices
Figure 104 shows an example of daisy-chaining AD7768 devices,
when FORMATx = 01. In this case, the DOUT1 and DOUT0
pins of the AD7768 devices are cascaded to the DOUT6 and
DOUT7 pins of the next device in the chain. Data readback is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com