Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 52 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7768 Datasheet HTML 48Page - Analog Devices AD7768 Datasheet HTML 49Page - Analog Devices AD7768 Datasheet HTML 50Page - Analog Devices AD7768 Datasheet HTML 51Page - Analog Devices AD7768 Datasheet HTML 52Page - Analog Devices AD7768 Datasheet HTML 53Page - Analog Devices AD7768 Datasheet HTML 54Page - Analog Devices AD7768 Datasheet HTML 55Page - Analog Devices AD7768 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 52 of 99
Clocking Selections
The internal modulator frequency (fMOD) that is used by each of
the ADCs in the AD7768/AD7768-4 is derived from the
externally applied MCLK signal. The MCLK division bits allow
the user to control the ratio between the MCLK frequency and
the internal modulator clock frequency. This control allows the
user to select the division ratio that is best for their configuration.
The appropriate clock configuration depends on the power
mode, the decimation rate, and the base MCLK frequency
available in the system. See the Clocking, Sampling Tree section
for further information on setting MCLK_DIV correctly.
MCLK Source Selection
The following clocking options are available as the MCLK input
source in SPI control mode:
•
LVDS
•
External crystal
•
CMOS input MCLK
Setting CLK_SEL to logic low configures the AD7768/AD7768-4
for correct operation using a CMOS clock. Setting CLK_SEL to
logic high enables the use of an external crystal.
If CLK_SEL is set to logic high and Bit 3 of Register 0x04 is also
set, the application of an LVDS clock signal to the MCLK pin is
enabled. LVDS clocking is exclusive to SPI control mode and
requires the register selection for operation (see Table 42 for the
AD7768 or Table 68 for the AD7768-4).
The DCLK rate is derived from MCLK. DCLK division (the
ratio between MCLK and DCLK) is controlled in the interface
configuration selection register, Register 0x07 (see Table 45 for
the AD7768 or Table 71 for the AD7768-4).
Interface Configuration
The data interface is a master output interface, where ADC
conversion results are output by the AD7768/AD7768-4 at a
rate based on the mode selected. The interface consists of a data
clock (DCLK), the data ready (DRDY) framing output, and the
data output pins (DOUT0 to DOUT7 for the AD7768, DOUT0
to DOUT3 for the AD7768-4).
On the AD7768, the interface can be configured to output
conversion data on one, two, or eight of the DOUTx pins. The
DOUTx configuration for the AD7768 is selected using the
FORMATx pins (see Table 31).
On the AD7768-4, the interface can be configured to output
conversion data on one or four of the DOUTx pins. The
DOUTx configuration for the AD7768-4 is selected using
the FORMAT0 pin (see Table 32).
The DCLK rate is a direct division of the MCLK input and can
be controlled using Bits[1:0] of Register 0x07. The minimum
DCLK rate can be calculated as
DCLK (minimum) = Output Data Rate × Channels per
DOUTx × 32 bits
where MCLK ≥ DCLK.
With eight ADCs enabled, an MCLK rate of 32.768 MHz, an ODR
of 256 kSPS, and two DOUTx channels, DCLK (minimum) is
256 kSPS × 4 channels per DOUTx × 32 bits = 32.768 MHz
where DCLK = MCLK/1.
For more information on the status header, CRC, and interface
configuration, see the Data Interface section.
CRC Protection
The AD7768/AD7768-4 can be configured to output a CRC
message per channel every 4 or 16 samples. This function is
available only with SPI control. CRC is enabled in the interface
control register, Register 0x07 (see the CRC Check on Data
Interface section).
ADC Synchronization over SPI
The ADC synchronization over SPI allows the user to request a
synchronization pulse to the ADCs over the SPI interface. To
initiate the synchronization in this manner, write to Bit 7 in
Register 0x06 twice.
First, the user must write a 0, which sets SYNC_OUT low, and
then write a 1 to set the SYNC_OUT logic high again.
The SPI_SYNC command is recognized after the last rising edge of
SCLK in the SPI instruction, where the SPI_SYNC bit is changed
from low to high. The SPI_SYNC command is then output synchro-
nously to the AD7768/AD7768-4 MCLK signal on the
SYNC_OUT pin. The user must connect the SYNC_OUT signal
to the SYNC_IN pin on the PCB.
START
SYNC_IN
DOUTx
DRDY
MCLK
SPI INTERFACE
SYNC_OUT
DSP/
FPGA
AD7768/
AD7768-4
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MASTER
CLOCK
IOVDD
Figure 81. Connection Diagram for Synchronization Using SPI_SYNC
The SYNC_OUT pin can also be routed to the SYNC_IN pins of
other AD7768/AD7768-4 devices, allowing simultaneous
sampling to occur across larger channel count systems. Any
daisy-chained system of AD7768/AD7768-4 devices requires that
all ADCs be synchronized.
In a daisy-chained system of AD7768/AD7768-4 devices, two
successive synchronization pulses must be applied to guarantee
that all ADCs are synchronized. Two synchronization pulses are
also required in a system of more than one AD7768/AD7768-4
device sharing a single MCLK signal, where the DRDY pin of
only one device is used to detect new data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com