Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7768 Datasheet HTML 29Page - Analog Devices AD7768 Datasheet HTML 30Page - Analog Devices AD7768 Datasheet HTML 31Page - Analog Devices AD7768 Datasheet HTML 32Page - Analog Devices AD7768 Datasheet HTML 33Page - Analog Devices AD7768 Datasheet HTML 34Page - Analog Devices AD7768 Datasheet HTML 35Page - Analog Devices AD7768 Datasheet HTML 36Page - Analog Devices AD7768 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 33 of 99
5
6
7
8
9
10
11
13
14
15
12
WIDEBAND
SINC5
TEMPERATURE (°C)
Figure 30. RMS Noise vs. Temperature, Median Mode
5
6
7
8
9
10
11
13
14
15
12
WIDEBAND
SINC5
TEMPERATURE (°C)
Figure 31. RMS Noise vs. Temperature, Eco Mode
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
0
1
2
3
4
5
6
7
CHANNEL
VREF = 5.00V
VREF = 4.096V
VREF = 2.500V
Figure 32. RMS Noise per Channel for Various VREF Values
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
5
6
7
CHANNEL
fIN = 3.15kHz
INTERFERER (1kHz) ON ALL OTHER CHANNELS
Figure 33. Crosstalk
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
80
90
100
110
0
5
10
15
20
25
30
35
40
MCLK FREQUENCY (MHz)
SNR, FAST
DYNAMIC RANGE, FAST
THD, FAST
THD + N, FAST
fIN = 1kHz
Figure 34. SNR, Dynamic Range, THD, and THD +N vs. MCLK Frequency
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
10
100
1k
INPUT FREQUENCY (Hz)
10k
100k
FAST
MEDIAN
ECO
Figure 35. THD vs. Input Frequency, Three Power Modes, Wideband Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com