Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 89 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD7768 Datasheet HTML 85Page - Analog Devices AD7768 Datasheet HTML 86Page - Analog Devices AD7768 Datasheet HTML 87Page - Analog Devices AD7768 Datasheet HTML 88Page - Analog Devices AD7768 Datasheet HTML 89Page - Analog Devices AD7768 Datasheet HTML 90Page - Analog Devices AD7768 Datasheet HTML 91Page - Analog Devices AD7768 Datasheet HTML 92Page - Analog Devices AD7768 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 89 of 99
CHANNEL MODE B REGISTER
Address: 0x02, Reset: 0x0D, Name: Channel Mode B
Table 66. Bit Descriptions for Channel Mode B
Bits
Bit Name
Settings
Description
Reset
Access
3
FILTER_TYPE_B
Filter selection
0x1
RW
0
Wideband filter
1
Sinc5 filter
[2:0]
DEC_RATE_B
Decimation rate selection
0x5
RW
000
×32
001
×64
010
×128
011
×256
100
×512
101
×1024
110
×1024
111
×1024
CHANNEL MODE SELECT REGISTER
Address: 0x03, Reset: 0x00, Name: Channel Mode Select
This register selects the mapping of each ADC channel to either Channel Mode A or Channel Mode B.
Table 67. Bit Descriptions for Channel Mode Select
Bits
Bit Name
Settings
Description
Reset
Access
5
CH_3_MODE
Channel 3
0x0
RW
0
Mode A
1
Mode B
4
CH_2_MODE
Channel 2
0x0
RW
0
Mode A
1
Mode B
1
CH_1_MODE
Channel 1
0x0
RW
0
Mode A
1
Mode B
0
CH_0_MODE
Channel 0
0x0
RW
0
Mode A
1
Mode B
POWER MODE SELECT REGISTER
Address: 0x04, Reset: 0x00, Name: POWER_MODE
Table 68. Bit Descriptions for POWER_MODE
Bits
Bit Name
Settings
Description
Reset
Access
7
SLEEP_MODE
In sleep mode, many of the digital clocks are disabled and all of the ADCs
are disabled. The analog LDOs are not disabled.
0x0
RW
The AD7768-4 SPI is live and is available to the user. Writing to this bit
brings the AD7768-4 out of sleep mode again.
0
Normal operation.
1
Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com