Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 2 Page - Analog Devices

  AD7768 Datasheet HTML 1Page - Analog Devices AD7768 Datasheet HTML 2Page - Analog Devices AD7768 Datasheet HTML 3Page - Analog Devices AD7768 Datasheet HTML 4Page - Analog Devices AD7768 Datasheet HTML 5Page - Analog Devices AD7768 Datasheet HTML 6Page - Analog Devices AD7768 Datasheet HTML 7Page - Analog Devices AD7768 Datasheet HTML 8Page - Analog Devices AD7768 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 2 of 99
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 3
General Description......................................................................... 5
Specifications..................................................................................... 6
1.8 V IOVDD Specifications..................................................... 12
Timing Specifications ................................................................ 16
1.8 V IOVDD Timing Specifications....................................... 17
Absolute Maximum Ratings.......................................................... 21
Thermal Resistance .................................................................... 21
ESD Caution................................................................................ 21
Pin Configurations and Function Descriptions ......................... 22
Typical Performance Characteristics ........................................... 30
Terminology .................................................................................... 40
Theory of Operation ...................................................................... 41
Clocking, Sampling Tree, and Power Scaling............................. 41
Noise Performance and Resolution.......................................... 42
Applications Information .............................................................. 44
Power Supplies ............................................................................ 45
Device Configuration ................................................................ 46
Pin Control.................................................................................. 46
SPI Control.................................................................................. 49
SPI Control Functionality ......................................................... 50
SPI Control Mode Extra Diagnostic Features ........................ 53
Circuit Information........................................................................ 54
Core Signal Chain....................................................................... 54
Analog Inputs.............................................................................. 55
VCM............................................................................................. 56
Reference Input........................................................................... 56
Clock Selection ........................................................................... 56
Digital Filtering........................................................................... 56
Decimation Rate Control .......................................................... 58
Antialiasing ................................................................................. 58
Calibration................................................................................... 59
Data Interface.................................................................................. 61
Setting the Format of Data Output .......................................... 61
ADC Conversion Output: Header and Data .......................... 62
Functionality ................................................................................... 71
GPIO Functionality.................................................................... 71
AD7768 Register Map Details (SPI Control).............................. 72
AD7768 Register Map................................................................ 72
Channel Standby Register ......................................................... 74
Channel Mode A Register......................................................... 74
Channel Mode B Register ......................................................... 75
Channel Mode Select Register.................................................. 75
Power Mode Select Register...................................................... 76
General Device Configuration Register.................................. 76
Data Control: Soft Reset, Sync, and Single-Shot Control
Register ........................................................................................ 77
Interface Configuration Register.............................................. 78
Digital Filter RAM Built In Self Test (BIST) Register............ 78
Status Register............................................................................. 79
Revision Identification Register ............................................... 79
GPIO Control Register .............................................................. 79
GPIO Write Data Register......................................................... 80
GPIO Read Data Register.......................................................... 80
Analog Input Precharge Buffer Enable Register Channel 0 to
Channel 3 .................................................................................... 80
Analog Input Precharge Buffer Enable Register Channel 4 to
Channel 7 .................................................................................... 81
Positive Reference Precharge Buffer Enable Register............ 81
Negative Reference Precharge Buffer Enable Register .......... 82
Offset Registers........................................................................... 82
Gain Registers............................................................................. 83
Sync Phase Offset Registers ...................................................... 83
ADC Diagnostic Receive Select Register ................................ 83
ADC Diagnostic Control Register ........................................... 84
Modulator Delay Control Register........................................... 85
Chopping Control Register....................................................... 85
AD7768-4 Register Map Details (SPI Control).......................... 86
AD7768-4 Register Map............................................................ 86
Channel Standby Register ......................................................... 88
Channel Mode A Register......................................................... 88
Channel Mode B Register ......................................................... 89
Channel Mode Select Register.................................................. 89
Power Mode Select Register...................................................... 89
General Device Configuration Register.................................. 90
Data Control: Soft Reset, Sync, and Single-Shot Control
Register ........................................................................................ 91
Interface Configuration Register.............................................. 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com