Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 95 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD7768 Datasheet HTML 91Page - Analog Devices AD7768 Datasheet HTML 92Page - Analog Devices AD7768 Datasheet HTML 93Page - Analog Devices AD7768 Datasheet HTML 94Page - Analog Devices AD7768 Datasheet HTML 95Page - Analog Devices AD7768 Datasheet HTML 96Page - Analog Devices AD7768 Datasheet HTML 97Page - Analog Devices AD7768 Datasheet HTML 98Page - Analog Devices AD7768 Datasheet HTML 99Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 95 of 99
ANALOG INPUT PRECHARGE BUFFER ENABLE REGISTER CHANNEL 2 AND CHANNEL 3
Address: 0x12, Reset: 0xFF, Name: Precharge Buffer 2
This register turns on or off the precharge buffers on the analog inputs. When writing to these registers, the user must write the inverse of
the required bit settings. For example, to clear Bit 7 of this register, the user must write 0x01 to the register. This clears Bit 7 and sets all
other bits. If the user reads the register again after writing 0x01, the data read is 0xFE, as required.
Table 79. Bit Descriptions for Precharge Buffer 2
Bits
Bit Name
Settings
Description
Reset
3
CH3_PREBUF_NEG_EN
0
Off
0x1
1
On
2
CH3_PREBUF_POS_EN
0
Off
0x1
1
On
1
CH2_PREBUF_NEG_EN
0
Off
0x1
1
On
0
CH2_PREBUF_POS_EN
0
Off
0x1
1
On
POSITIVE REFERENCE PRECHARGE BUFFER ENABLE REGISTER
Address: 0x13, Reset: 0x00, Name: Positive Reference Precharge Buffer
This register turns on or off the precharge buffers on the reference positive input to each of the ADCs from Channel 0 to Channel 3.
Table 80. Bit Descriptions for Positive Reference Precharge Buffer
Bits
Bit Name
Settings
Description
Reset
5
CH3_REFP_BUF
0
Off
0x0
1
On
4
CH2_REFP_BUF
0
Off
0x0
1
On
1
CH1_REFP_BUF
0
Off
0x0
1
On
0
CH0_REFP_BUF
0
Off
0x0
1
On
NEGATIVE REFERENCE PRECHARGE BUFFER ENABLE REGISTER
Address: 0x14, Reset: 0x00, Name: Negative Reference Precharge Buffer
This register turns on or off the precharge buffers on the reference negative input to each of the ADCs from Channel 0 to Channel 3.
Table 81. Bit Descriptions for Negative Reference Precharge Buffer
Bits
Bit Name
Settings
Description
Reset
5
CH3_REFN_BUF
0
Off
0x0
1
On
4
CH2_REFN_BUF
0
Off
0x0
1
On
1
CH1_REFN_BUF
0
Off
0x0
1
On
0
CH0_REFN_BUF
0
Off
0x0
1
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com