Electronic Components Datasheet Search
  English  ▼

X  

AD7768 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7768
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768 Datasheet(HTML) 1 Page - Analog Devices

  AD7768 Datasheet HTML 1Page - Analog Devices AD7768 Datasheet HTML 2Page - Analog Devices AD7768 Datasheet HTML 3Page - Analog Devices AD7768 Datasheet HTML 4Page - Analog Devices AD7768 Datasheet HTML 5Page - Analog Devices AD7768 Datasheet HTML 6Page - Analog Devices AD7768 Datasheet HTML 7Page - Analog Devices AD7768 Datasheet HTML 8Page - Analog Devices AD7768 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
8-/4-Channel, 24-Bit, Simultaneous Sampling
ADCs with Power Scaling, 110.8 kHz BW
Data Sheet
AD7768/AD7768-4
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Precision ac and dc performance
8-/4-channel simultaneous sampling
256 kSPS maximum ADC output data rate per channel
108 dB dynamic range
110.8 kHz maximum input bandwidth (−3 dB bandwidth)
−120 dB total harmonic distortion (THD) typical
±2 ppm of full-scale range (FSR) integral nonlinearity
(INL), ±50 µV offset error, ±30 ppm gain error
Optimized power dissipation vs. noise vs. input bandwidth
Selectable power, speed, and input bandwidth (BW) modes
Fast: highest speed; 110.8 kHz BW, 51.5 mW per channel
Median: half speed, 55.4 kHz BW, 27.5 mW per channel
Eco: lowest power, 13.8 kHz BW, 9.375 mW per channel
Input BW range: dc to 110.8 kHz
Programmable input bandwidth/sampling rates
Cyclic redundancy check (CRC) error checking on data interface
Daisy-chaining
Linear phase digital filter
Low latency sinc5 filter
Wideband brick wall filter: ±0.005 dB pass-band ripple
from dc to 102.4 kHz
Analog input precharge buffers
Power supply
AVDD1 = 5.0 V, AVDD2 = 2.25 V to 5.0 V
IOVDD = 2.5 V to 3.3 V or IOVDD = 1.8 V
64-lead LQFP package, no exposed pad
Temperature range: −40°C to +105°C
APPLICATIONS
Data acquisition systems: USB/PXI/Ethernet
Instrumentation and industrial control loops
Audio test and measurement
Vibration and asset condition monitoring
3-phase power quality analysis
Sonar
High precision medical electroencephalogram (EEG)/
electromyography (EMG)/electrocardiogram (ECG)
FUNCTIONAL BLOCK DIAGRAM
ADC
OUTPUT
DATA
SERIAL
INTERFACE
DIGITAL
FILTER
ENGINE
WIDEBAND
LOW RIPPLE
FILTER
SINC5
LOW LATENCY
FILTER
SPI
CONTROL
INTERFACE
1.8V
LDO
SYNC_IN
1.8V
LDO
BUFFERED
VCM
VCM
AIN1+
CH 1
AIN1–
AIN2+
CH 2
AIN2–
AIN3+
CH 3
AIN3–
AIN4+
CH 4*
AIN4–
AIN5+
CH 5*
AIN5–
AIN6+
CH 6*
AIN6–
AIN7+
CH 7*
AIN7–
AIN0+
CH 0
AIN0–
VCM
×8
PRECHARGE
REFERENCE
BUFFERS
SYNC_OUT
START
RESET
FORMAT1*
FORMAT0
DRDY
DCLK
ST0/CS
PIN/SPI
ST1*/SCLK
DEC0/SDO
DEC1/SDI
AVSS
XTAL2/MCLK
XTAL1
MODE3/GPIO3
TO
MODE0/GPIO0
FILTER/GPIO4
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
Σ-Δ
ADC
DOUT7*
AVDD1A,
AVDD1B
DGND
AD7768/AD7768-4
IOVDD
DREGCAP
REGCAPA,
REGCAPB
AVDD2A,
AVDD2B
REFx+ REFx–
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
OFFSET,
GAIN PHASE
CORRECTION
DOUT1
DOUT0
DOUT2
DOUT3
DOUT4*
DOUT5*
DOUT6*, DIN
*THESE CHANNELS/PINS EXIST ONLY ON THE AD7768.
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
×16 ANALOG INPUT
PRECHARGE BUFFERS (P)
Figure 1.


Similar Part No. - AD7768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7768 AD-AD7768 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD7768 AD-AD7768 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD7768 AD-AD7768 Datasheet
4Mb / 106P
8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
Rev. C
AD7768-1 AD-AD7768-1 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD7768-1 AD-AD7768-1 Datasheet
1Mb / 80P
DC to 204 kHz, Dynamic Signal Analysis, Precision 24-Bit ADC with Power Scaling
Rev. A
More results

Similar Description - AD7768

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7761 AD-AD7761 Datasheet
1Mb / 69P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
REV. 0
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
Rev. A
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com