Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9684 Datasheet HTML 36Page - Analog Devices AD9684 Datasheet HTML 37Page - Analog Devices AD9684 Datasheet HTML 38Page - Analog Devices AD9684 Datasheet HTML 39Page - Analog Devices AD9684 Datasheet HTML 40Page - Analog Devices AD9684 Datasheet HTML 41Page - Analog Devices AD9684 Datasheet HTML 42Page - Analog Devices AD9684 Datasheet HTML 43Page - Analog Devices AD9684 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9684
Data Sheet
Rev. 0 | Page 40 of 64
FIR FILTERS
GENERAL DESCRIPTION
There are four sets of decimate by 2, low-pass, half-band, FIR
filters (labeled HB1 FIR, HB2 FIR, HB3 FIR, and HB4 FIR in
Figure 58) following the frequency translation stage. After the
carrier of interest is tuned down to dc (carrier frequency =
0 Hz), these filters efficiently lower the sample rate while
providing sufficient alias rejection from unwanted adjacent
carriers around the bandwidth of interest.
HB1 FIR is always enabled and cannot be bypassed. The HB2,
HB3, and HB4 FIR filters are optional and can be bypassed for
higher output sample rates.
Table 16 shows the different bandwidth options by including
different half-band filters. In all cases, the DDC filtering stage of
the AD9684 provides less than −0.001 dB of pass-band ripple
and greater than 100 dB of stop band alias rejection.
Table 17 shows the amount of stop band alias rejection for
multiple pass-band ripple/cutoff points. The decimation ratio of
the filtering stage of each DDC can be controlled individually
through Bits[1:0] of the DDC control registers (Register 0x310,
Register 0x330, Register 0x350, and Register 0x370).
Table 16. DDC Filter Characteristics
ADC Sample
Rate (MSPS)
DDC Decimation
Ratio
Real Output
Sample Rate
(MSPS)
Complex (I/Q)
Output Sample
Rate (MSPS)
Alias Protected
Bandwidth
(MHz)
Ideal SNR
Improvement1
(dB)
Pass-Band
Ripple
(dB)
Alias
Rejection
(dB)
1000
2 (HB1)
1000
500 (I) + 500 (Q)
385.0
1
<−0.001
>100
4 (HB1 + HB2)
500
250 (I) + 250 (Q)
192.5
4
8 (HB1 + HB2 + HB3)
250
125 (I) + 125 (Q)
96.3
7
16 (HB1 + HB2 +
HB3 + HB4)
125
62.5 (I) + 62.5 (Q)
48.1
10
1
The ideal SNR improvement due to oversampling and filtering = 10log(bandwidth/(fS/2)).
Table 17. DDC Filter Alias Rejection
Alias Rejection (dB)
Pass-Band Ripple/Cutoff Point (dB)
Alias Protected Bandwidth for
Real (I) Outputs1
Alias Protected Bandwidth for
Complex (I/Q) Outputs1
>100
<−0.001
<38.5% × fOUT
<77% × fOUT
90
<−0.001
<38.7% × fOUT
<77.4% × fOUT
85
<−0.001
<38.9% × fOUT
<77.8% × fOUT
63.3
<−0.006
<40% × fOUT
<80% × fOUT
25
−0.5
44.4% × fOUT
88.8% × fOUT
19.3
−1.0
45.6% × fOUT
91.2% × fOUT
10.7
−3.0
48% × fOUT
96% × fOUT
1
fOUT = ADC input sample rate/DDC decimation ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com