Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9684 Datasheet HTML 23Page - Analog Devices AD9684 Datasheet HTML 24Page - Analog Devices AD9684 Datasheet HTML 25Page - Analog Devices AD9684 Datasheet HTML 26Page - Analog Devices AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices AD9684 Datasheet HTML 30Page - Analog Devices AD9684 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 27 of 64
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD9684 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled to the CLK+ and CLK− pins via a
transformer or clock drivers. These pins are biased internally
and require no additional biasing.
Figure 49 shows a preferred method for clocking the AD9684. The
low jitter clock source is converted from a single-ended signal to
a differential signal using an RF transformer.
ADC
CLK+
CLK–
0.1µF
0.1µF
100Ω
50Ω
CLOCK
INPUT
1:1Z
Figure 49. Transformer Coupled Differential Clock
Another option is to ac couple a differential CML or LVDS
signal to the sample clock input pins, as shown in Figure 50 and
Figure 51.
ADC
CLK+
CLK–
0.1µF
0.1µF
Z0 = 50Ω
Z0 = 50Ω
33Ω
33Ω
71Ω
10pF
3.3V
Figure 50. Differential CML Sample Clock
ADC
CLK+
CLK–
0.1µF
0.1µF
0.1µF
0.1µF
50Ω1
50Ω1
100Ω
CLOCK INPUT
LVDS
DRIVER
CLK+
CLK–
1
50Ω RESISTORS ARE OPTIONAL.
CLOCK INPUT
Figure 51. Differential LVDS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to the clock duty cycle. Commonly, a 5% tolerance
is required on the clock duty cycle to maintain dynamic performance
characteristics. In applications where the clock duty cycle cannot
be guaranteed to be 50%, a higher multiple frequency clock can be
supplied to the device. The AD9684 can be clocked at 2 GHz with
the internal clock divider set to 2. The output of the divider offers
a 50% duty cycle, high slew rate (fast edge) clock signal to the
internal ADC. See the Memory Map section for more details on
using this feature.
Input Clock Divider
The AD9684 contains an input clock divider with the ability to
divide the Nyquist input clock by 1, 2, 4, and 8. The divider
ratios can be selected using Register 0x10B. This is shown in
Figure 52.
The maximum frequency at the CLK± inputs is 4 GHz. This is
the limit of the divider. In applications where the clock input is
a multiple of the sample clock, the appropriate divider ratio
must be programmed into the clock divider before applying the
clock signal. This ensures that the current transients during
device startup are controlled.
CLK+
CLK–
÷2
÷4
REG 0x10B
÷8
Figure 52. Clock Divider Circuit
The AD9684 clock divider can be synchronized using the external
SYNC± input. A valid SYNC± input causes the clock divider to
reset to a programmable state. This feature is enabled by setting
Bit 7 of Register 0x10D. This synchronization feature allows
multiple devices to have their clock dividers aligned to guarantee
simultaneous input sampling.
Input Clock Divider ½ Period Delay Adjustment
The input clock divider inside the AD9684 provides phase delay
in increments of ½ the input clock cycle. Program Register 0x10C
to enable this delay independently for each channel.
Clock Fine Delay Adjustment
To adjust the AD9684 sampling edge instant, write to Register 0x117
and Register 0x118. Setting Bit 0 of Register 0x117 enables the fine
delay feature, and Register 0x118, Bits[7:0] set the value of the
delay. This value can be programmed individually for each channel.
The clock delay can be adjusted from −151.7 ps to +150 ps in
~1.7 ps increments. The clock delay adjust takes effect immediately
when it is enabled via SPI writes. Enabling the clock fine delay
adjustment in Register 0x117 causes a datapath reset.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input
frequency (fA) due only to aperture jitter (tJ) can be calculated by
SNR = 20 × log 10 (2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root mean
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specifications. IF undersampling
applications are particularly sensitive to jitter (see Figure 53).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com