Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9684 Datasheet HTML 25Page - Analog Devices AD9684 Datasheet HTML 26Page - Analog Devices AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices AD9684 Datasheet HTML 30Page - Analog Devices AD9684 Datasheet HTML 31Page - Analog Devices AD9684 Datasheet HTML 32Page - Analog Devices AD9684 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 29 of 64
ADC OVERRANGE AND FAST DETECT
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overrange pin outputs information on the state of
the analog input. It is also helpful to have a programmable
threshold below full scale that allows time to reduce the gain
before the clip actually occurs. In addition, because input
signals can have significant slew rates, the latency of this
function is of major concern. Highly pipelined converters can
have significant latency. The AD9684 contains fast detect
circuitry for individual channels to monitor the threshold and
assert the FD_A and FD_B pins.
ADC OVERRANGE
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange indicator can
be output on the STATUS± pins (when CSB > 0). The latency of
this overrange indicator matches the sample latency.
The AD9684 also records any overrange condition in any of the
four virtual converters. The overrange status of each virtual
converter is registered as a sticky bit in Register 0x563. The
contents of Register 0x563 can be cleared using Register 0x562,
by toggling the bits corresponding to the virtual converter to set
and reset the position.
FAST THRESHOLD DETECTION (FD_A AND FD_B)
The fast detect (FD) bit (enabled via the control bits in
Register 0x559) is immediately set whenever the absolute value
of the input signal exceeds the programmable upper threshold
level. The FD bit is cleared only when the absolute value of the
input signal drops below the lower threshold level for greater
than the programmable dwell time. This feature provides
hysteresis and prevents the FD bit from excessively toggling.
The operation of the upper threshold and lower threshold
registers, along with the dwell time registers, is shown in
Figure 56.
The FD_x indicator is asserted if the input magnitude exceeds
the value programmed in the fast detect upper threshold
registers, in Register 0x247 and Register 0x248. The selected
threshold register is compared with the signal magnitude at the
output of the ADC. The fast upper threshold detection has a
latency of 28 clock cycles (maximum). The approximate upper
threshold magnitude is defined by
Upper Threshold Magnitude (dBFS) = 20log(Threshold
Magnitude/213)
The FD indicators are not cleared until the signal drops below
the lower threshold for the programmed dwell time. The lower
threshold is programmed in the fast detect lower threshold
registers, in Register 0x249 and Register 0x24A. The fast detect
lower threshold register is a 13-bit register that is compared with
the signal magnitude at the output of the ADC. This
comparison is subject to the ADC pipeline latency, but is
accurate in terms of converter resolution. The lower threshold
magnitude is defined by
Lower Threshold Magnitude (dBFS) = 20log(Threshold
Magnitude/213)
For example, to set an upper threshold of −6 dBFS, write 0xFFF
to Register 0x247 and Register 0x248. To set a lower threshold
of −10 dBFS, write 0xA1D to Register 0x249 and Register 0x24A.
The dwell time can be programmed from 1 to 65,535 sample
clock cycles by placing the desired value in the fast detect dwell
time registers, in Register 0x24B and Register 0x24C. See the
Memory Map section (Register 0x040, and Register 0x245 to
Register 0x24C in Table 29) for more details.
UPPER THRESHOLD
LOWER THRESHOLD
FD_A OR FD_B
DWELL TIME
TIMER RESET BY
RISE ABOVE
LOWER
THRESHOLD
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE
LOWER THRESHOLD
DWELL TIME
Figure 56. Threshold Settings for FD_A and FD_B Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com