Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9684 Datasheet HTML 40Page - Analog Devices AD9684 Datasheet HTML 41Page - Analog Devices AD9684 Datasheet HTML 42Page - Analog Devices AD9684 Datasheet HTML 43Page - Analog Devices AD9684 Datasheet HTML 44Page - Analog Devices AD9684 Datasheet HTML 45Page - Analog Devices AD9684 Datasheet HTML 46Page - Analog Devices AD9684 Datasheet HTML 47Page - Analog Devices AD9684 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9684
Data Sheet
Rev. 0 | Page 44 of 64
Chip
Application
Layer
Chip
Decimation
Ratio
DDC Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
Number of Virtual
Converters
Required (M)
Register Settings2
Two DDCs
4
Complex
Complex
38.5% × fS
4
Register 0x200 = 0x02 (two DDCs, I/Q
selected)
Register 0x201 = 0x02 (chip decimate
by 4)
Register 0x310, Register 0x330 = 0x80
(complex mixer, 0 dB gain, variable IF,
complex outputs, HB2 + HB1 filters)
Register 0x311, Register 0x331 = 0x04
(DDC I input = ADC Channel A, DDC Q
input = ADC Channel B)
Register 0x314, Register 0x315,
Register 0x320, Register 0x321 = FTW
and POW set as required by application
for DDC 0
Register 0x334, Register 0x335,
Register 0x340, Register 0x341 = FTW
and POW set as required by application
for DDC 1
Two DDCs
4
Complex
Real
19.25% × fS
2
Register 0x200 = 0x22 (two DDCs, Q
ignore selected)
Register 0x201 = 0x02 (chip decimate
by 4)
Register 0x310, Register 0x330 = 0x89
(complex mixer, 0 dB gain, variable IF,
real output, HB3 + HB2 + HB1 filters)
Register 0x311, Register 0x331 = 0x04
(DDC I input = ADC Channel A, DDC Q
input = ADC Channel B)
Register 0x314, Register 0x315,
Register 0x320, Register 0x321 = FTW
and POW set as required by application
for DDC 0
Register 0x334, Register 0x335,
Register 0x340, Register 0x341 = FTW
and POW set as required by application
for DDC 1
Two DDCs
4
Real
Real
19.25% × fS
2
Register 0x200 = 0x22 (two DDCs, Q
ignore selected)
Register 0x201 = 0x02 (chip decimate
by 4)
Register 0x310, Register 0x330 = 0x49
(real mixer, 6 dB gain, variable IF, real
output, HB3 + HB2 + HB1 filters)
Register 0x311 = 0x00 (DDC 0 I input =
ADC Channel A, DDC 0 Q input = ADC
Channel A)
Register 0x331 = 0x05 (DDC 1 I input =
ADC Channel B, DDC 1 Q input = ADC
Channel B)
Register 0x314, Register 0x315,
Register 0x320, Register 0x321 = FTW
and POW set as required by application
for DDC 0
Register 0x334, Register 0x335,
Register 0x340, Register 0x341 = FTW
and POW set as required by application
for DDC 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com