Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9684 Datasheet HTML 52Page - Analog Devices AD9684 Datasheet HTML 53Page - Analog Devices AD9684 Datasheet HTML 54Page - Analog Devices AD9684 Datasheet HTML 55Page - Analog Devices AD9684 Datasheet HTML 56Page - Analog Devices AD9684 Datasheet HTML 57Page - Analog Devices AD9684 Datasheet HTML 58Page - Analog Devices AD9684 Datasheet HTML 59Page - Analog Devices AD9684 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9684
Data Sheet
Rev. 0 | Page 56 of 64
Reg.
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x118
Clock fine
delay
(local)
Clock fine delay adjust, Bits[7:0]
Twos complement coded control to adjust the fine sample clock skew in ~1.7 ps steps
≤−88 = −151.7 ps skew
−87 = −150 ps skew
…
0 = 0 ps skew
…
≥+87 = +150 ps skew
0x00
Used in
con-
junction
with Reg.
0x0117
0x11C
Clock
status
0
0
0
0
0
0
0
0 = no
input clock
detected
1 = input
clock det-
ected
0x00
Read only
0x120
SYNC±
Control 1
0
SYNC± flag
reset
0 = normal
operation
1 = flags
held in reset
0
SYNC±
transition
select
0 = low to
high
1 = high to
low
CLK± edge
select
0 = rising
1 = falling
SYNC± mode select
00 = disabled
01 = continuous
10 = N shot
0
0x00
0x121
SYNC±
Control 2
0
0
0
0
SYNC± N shot ignore counter select
0000 = next SYNC± only
0001 = ignore the first SYNC± transitions
0010 = ignore the first two SYNC± transitions
…
1111 = ignore the first 16 SYNC± transitions
0x00
Mode
select
(Reg.
0x120,
Bits[2:1])
must be
N shot
0x123
SYNC±
timestamp
delay
control
SYNC± timestamp delay, Bits[6:0]
0x00 = no delay
0x01 = 1 clock delay
…
0x7F = 127 clocks delay
0x00
Ignored
when Reg.
0x01FF =
0x00
0x128
SYNC±
Status 1
SYNC± hold status, Register 0x128, Bits [7:4]
SYNC± setup status, Register 0x128, Bits [3:0]
Read
only
0x129
SYNC± and
clock
divider
status
0
0
0
0
Clock divider phase when SYNC± was captured
0000 = in-phase
0001 = SYNC± is ½ cycle delayed from clock
0010 = SYNC± is 1 cycle delayed from clock
0011 = 1½ input clock cycles delayed
0100 = 2 input clock cycles delayed
0101 = 2½ input clock cycles delayed
…
1111 = 7½ input clock cycles delayed
Read
only
0x12A
SYNC±
counter
SYNC± counter, Bits[7:0] increments when a SYNC± signal is captured
Read
only
0x1FF
Chip sync
mode
Synchronization mode
00 = normal
01 = timestamp
0x00
0x200
Chip
application
mode
0
0
Chip Q
ignore
0 = normal
(I/Q)
1 = ignore
(I only)
0
0
0
Chip operating mode
00 = full bandwidth
mode
01 = DDC 0 on
10 = DDC 0 and DDC 1
0x00
0x201
Chip
decimation
ratio
0
0
0
0
0
Chip decimation ratio select
000 = decimate by 1
001 = decimate by 2
010 = decimate by 4
011 = decimate by 8
100 = decimate by 16
0x00
0x228
Customer
offset
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com