Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices AD9684 Datasheet HTML 30Page - Analog Devices AD9684 Datasheet HTML 31Page - Analog Devices AD9684 Datasheet HTML 32Page - Analog Devices AD9684 Datasheet HTML 33Page - Analog Devices AD9684 Datasheet HTML 34Page - Analog Devices AD9684 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 31 of 64
DIGITAL DOWNCONVERTERS (DDCs)
The AD9684 includes four digital downconverters that provide
filtering and reduce the output data rate. This digital processing
section includes an NCO, a half-band decimating filter, a finite
impulse response (FIR) filter, a gain stage, and a complex to real
conversion stage. Each of these processing blocks has a control
line that allows the block to be independently enabled and
disabled to provide the desired processing function. The DDCs
can be configured to output either real data or complex output data.
DDC I/Q INPUT SELECTION
The AD9684 has two ADC channels and four DDC channels.
Each DDC channel has two input ports that can be paired to
support both real and complex inputs through the I/Q crossbar
mux. For real signals, both DDC input ports must select the
same ADC channel (that is, DDC Input Port I = ADC Channel A
and DDC Input Port Q = ADC Channel A). For complex
signals, each DDC input port must select different ADC
channels (that is, DDC Input Port I = ADC Channel A and
DDC Input Port Q = ADC Channel B).
The inputs to each DDC are controlled by the DDC input selection
registers (Register 0x311, Register 0x331, Register 0x351, and
Register 0x371). See Table 29 for information on how to
configure the DDCs.
DDC I/Q OUTPUT SELECTION
Each DDC channel has two output ports that can be paired to
support both real or complex outputs. For real output signals,
only the DDC Output Port I is used (the DDC Output Port Q is
invalid). For complex I/Q output signals, both DDC Output
Port I and DDC Output Port Q are used.
The I/Q outputs to each DDC channel are controlled by the
DDC complex to real enable bit in the DDC control registers
(Bit 3 in Register 0x310, Register 0x330, Register 0x350, and
Register 0x370).
The Chip I only bit in the chip application mode register
(Register 0x200, Bit 5) controls the chip output muxing of all
the DDC channels. When all DDC channels use real outputs,
set this bit high to ignore all DDC Q output ports. When any of
the DDC channels are set to use complex I/Q outputs, the user
must clear this bit to use both DDC Output Port I and DDC
Output Port Q.
DDC GENERAL DESCRIPTION
The four DDC blocks extract a portion of the full digital
spectrum captured by the ADCs. They are intended for IF
sampling or oversampled baseband radios requiring wide
bandwidth input signals.
Each DDC block contains the following signal processing stages:
•
Frequency translation stage (optional)
•
Filtering stage
•
Gain stage (optional)
•
Complex to real conversion stage (optional)
Frequency Translation Stage (Optional)
This stage consists of a 12-bit complex NCO and quadrature
mixers that can be used for frequency translation of both real or
complex input signals. This stage shifts a portion of the available
digital spectrum down to baseband.
Filtering Stage
After shifting down to baseband, this stage decimates the
frequency spectrum using a chain of up to four half-band, low-
pass filters for rate conversion. The decimation process lowers
the output data rate, which, in turn, reduces the output interface
rate.
Gain Stage (Optional)
Due to losses associated with mixing a real input signal down to
baseband, this stage compensates by adding an additional 0 dB
or 6 dB of gain.
Complex to Real Conversion Stage (Optional)
When real outputs are necessary, this stage converts the complex
outputs back to real outputs by performing an fS/4 mixing
operation in addition to a filter to remove the complex
component of the signal.
Figure 58 shows the detailed block diagram of the DDCs
implemented in the AD9684.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com