Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9684 Datasheet HTML 37Page - Analog Devices AD9684 Datasheet HTML 38Page - Analog Devices AD9684 Datasheet HTML 39Page - Analog Devices AD9684 Datasheet HTML 40Page - Analog Devices AD9684 Datasheet HTML 41Page - Analog Devices AD9684 Datasheet HTML 42Page - Analog Devices AD9684 Datasheet HTML 43Page - Analog Devices AD9684 Datasheet HTML 44Page - Analog Devices AD9684 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 41 of 64
HALF-BAND FILTERS
The AD9684 offers four half-band filters to enable digital signal
processing of the ADC converted data. These half-band filters
are bypassable and can be individually selected.
HB4 Filter
The first decimate by 2, half-band, low-pass FIR filter (HB4)
uses an 15-bit, symmetrical, fixed coefficient filter implementation
that is optimized for low power consumption. The HB4 filter is
used only when complex outputs (decimate by 16) or real outputs
(decimate by 8) are enabled; otherwise, the filter is bypassed.
Table 18 and Figure 62 show the coefficients and response of
the HB4 filter.
Table 18. HB4 Filter Coefficients
HB4 Coefficient Number
Decimal Coefficient (15-Bit)
C1, C11
99
C2, C10
0
C3, C9
−808
C4, C8
0
C5, C7
4805
C6
8192
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 62. HB4 Filter Response
HB3 Filter
The second decimate by 2, half-band, low-pass, FIR filter (HB3)
uses an 18-bit, symmetrical, fixed coefficient filter implementation
that is optimized for low power consumption. The HB3 filter is
only used when complex outputs (decimate by 8 or 16) or real
outputs (decimate by 4 or 8) are enabled; otherwise, the filter is
bypassed. Table 19 and Figure 63 show the coefficients and
response of the HB3 filter.
Table 19. HB3 Filter Coefficients
HB3 Coefficient Number
Decimal Coefficient (18-Bit)
C1, C11
859
C2, C10
0
C3, C9
−6661
C4, C8
0
C5, C7
38570
C6
65536
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 63. HB3 Filter Response
HB2 Filter
The third decimate by 2, half-band, low-pass FIR filter (HB2)
uses a 19-bit, symmetrical, fixed coefficient filter implementation
that is optimized for low power consumption. The HB2 filter is
only used when complex outputs (decimate by 4, 8, or 16) or
real outputs (decimate by 2, 4, or 8) are enabled; otherwise, the
filter is bypassed.
Table 20 and Figure 64 show the coefficients and response of
the HB2 filter.
Table 20. HB2 Filter Coefficients
HB2 Coefficient Number
Decimal Coefficient (19-Bit)
C1, C19
161
C2, C18
0
C3, C17
−1328
C4, C16
0
C5, C15
5814
C6, C14
0
C7, C13
−19272
C8, C12
0
C9, C11
80,160
C10
131,072
0
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
NORMALIZED FREQUENCY (× π RAD/SAMPLE)
Figure 64. HB2 Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com