Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 3 Page - Analog Devices

  AD9684 Datasheet HTML 1Page - Analog Devices AD9684 Datasheet HTML 2Page - Analog Devices AD9684 Datasheet HTML 3Page - Analog Devices AD9684 Datasheet HTML 4Page - Analog Devices AD9684 Datasheet HTML 5Page - Analog Devices AD9684 Datasheet HTML 6Page - Analog Devices AD9684 Datasheet HTML 7Page - Analog Devices AD9684 Datasheet HTML 8Page - Analog Devices AD9684 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 3 of 64
The AD9684 has several functions that simplify the automatic
gain control (AGC) function in a communications receiver. The
programmable threshold detector allows monitoring of the
incoming signal power using the fast detect output bits of the
ADC. If the input signal level exceeds the programmable
threshold, the fast detect indicator goes high. Because this
threshold indicator has low latency, the user can quickly reduce
the system gain to avoid an overrange condition at the ADC
input. In addition to the fast detect outputs, the AD9684 also
offers signal monitoring capability. The signal monitoring block
provides additional information about the signal that the ADC
digitized.
The dual ADC output data is routed directly to the one external,
14-bit LVDS output port, supporting double data rate (DDR)
formatting. An external data clock and status bit are offered for
data capture flexibility.
The LVDS outputs have several configurations, depending on
the acceptable rate of the receiving logic device and the sampling
rate of the ADC. Multiple device synchronization is supported
through the SYNC± input pins.
The AD9684 has flexible power-down options that allow
significant power savings when desired. All of these features can
be programmed using a 1.8 V to 3.4 V capable 3-wire serial port
interface (SPI).
The AD9684 is available in a Pb-free, 196-ball ball grid array
(BGA) and is specified over the −40°C to +85°C industrial
temperature range. This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Wide full power bandwidth supports intermediate
frequency (IF) sampling of signals up to 2 GHz.
2. Buffered inputs with programmable input termination ease
filter design and implementation.
3. Four integrated wideband decimation filters and NCO
blocks supporting multiband receivers.
4. Flexible SPI controls various product features and functions
to meet specific system requirements.
5. Programmable fast overrange detection and signal
monitoring.
6. SYNC± input allows synchronization of multiple devices.
7. 12 mm × 12 mm, 196-ball BGA_ED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com