Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9684 Datasheet HTML 21Page - Analog Devices AD9684 Datasheet HTML 22Page - Analog Devices AD9684 Datasheet HTML 23Page - Analog Devices AD9684 Datasheet HTML 24Page - Analog Devices AD9684 Datasheet HTML 25Page - Analog Devices AD9684 Datasheet HTML 26Page - Analog Devices AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 25 of 64
Input Common Mode
The analog inputs of the AD9684 are internally biased to the
common mode as shown in Figure 41. The common-mode
buffer has a limited range in that the performance suffers greatly
if the common-mode voltage drops by more than 100 mV.
Therefore, in dc-coupled applications, set the common-mode
voltage to 2.05 V ± 100 mV to ensure proper ADC operation.
Analog Input Controls and SFDR Optimization
The AD9684 offers flexible controls for the analog inputs, such
as input termination and buffer current. All of the available
controls are shown in Figure 41.
10pF
VIN+x
VIN–x
AVDD3
AVDD3
AVDD3
VCM
BUFFER
400Ω
3pF
3pF
AIN CONTROL
(SPI) REGISTERS
(REG 0x008, REG 0x015,
REG 0x016, REG 0x018,
REG 0x025)
Figure 41. Analog Input Controls (Should the AIN
Using Register 0x018, the buffer currents on each channel can
be scaled to optimize the SFDR over various input frequencies
and bandwidths of interest. As the input buffer currents are set,
the amount of current required by the AVDD3 supply changes.
For a complete list of buffer current settings, see Table 29.
50
70
90
110
130
150
170
190
210
230
250
1.5×
2.5×
3.5×
4.5×
5.5×
6.5×
7.5×
8.5×
BUFFER CURRENT SETTING
Figure 42. AVDD3 Power (IAVDD3) vs. Buffer Current Control Setting in
Register 0x018
35
45
55
65
75
85
95
50
100
150
200
250
300
1.0×
1.5×
2.0×
3.0×
350
400
450
500
INPUT FREQUENCY (MHz)
4.5×
Figure 43. Buffer Current Sweeps (SFDR vs. Input Frequency and IBUFF),
10 MHz < fIN < 500 MHz
65
70
75
80
85
90
500
550
600
650
700
750
800
850
900
950
1000
INPUT FREQUENCY (MHz)
4.5×
5.0×
6.0×
7.0×
8.0×
Figure 44. Buffer Current Sweeps (SFDR vs. Input Frequency and IBUFF),
500 MHz < fIN < 1000 MHz
45
50
55
60
65
70
75
80
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
INPUT FREQUENCY (MHz)
4.5×
5.0×
6.0×
7.0×
8.0×
8.0×
Figure 45. Buffer Current Sweeps (SFDR vs. Input Frequency and IBUFF),
1 GHz < fIN < 2 GHz, Front-End Network Shown in Figure 40
Figure 43, Figure 44, and Figure 45 show how the SFDR can be
optimized using the buffer current setting in Register 0x018 for
different Nyquist zones. At frequencies greater than 1 GHz, it is
better to run the ADC at input amplitudes less than −1 dBFS
(−3 dBFS, for example). This greatly improves the linearity of
the converted signal without sacrificing SNR performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com