Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9684 Datasheet HTML 49Page - Analog Devices AD9684 Datasheet HTML 50Page - Analog Devices AD9684 Datasheet HTML 51Page - Analog Devices AD9684 Datasheet HTML 52Page - Analog Devices AD9684 Datasheet HTML 53Page - Analog Devices AD9684 Datasheet HTML 54Page - Analog Devices AD9684 Datasheet HTML 55Page - Analog Devices AD9684 Datasheet HTML 56Page - Analog Devices AD9684 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9684
Rev. 0 | Page 53 of 64
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit
locations. The memory map is divided into four sections: the
Analog Devices, Inc., SPI registers (Register 0x000 to
Register 0x00D), the ADC function registers (Register 0x015 to
Register 0x278), The DDC function registers (Register 0x300 to
Register 0x387), and the digital outputs and test modes registers
(Register 0x550 to Register 0x05B).
Table 29 documents the default hexadecimal value for each
hexadecimal address shown. The column with the heading Bit 7
(MSB) is the start of the default hexadecimal value given. For
example, Address 0x561, the output mode register, has a
hexadecimal default value of 0x01. This means that Bit 0 = 1,
and the remaining bits are 0s. This setting is the default output
format value, which is twos complement. For more information
on this function and others, see the Table 29.
Unassigned and Reserved Locations
All address and bit locations that are not included in Table 29
are not currently supported for this device. Write unused bits of
a valid address location with 0s unless the default value is set
otherwise. Writing to these locations is required only when part
of an address location is unassigned (for example, Address 0x561).
If the entire address location is open (for example, Address 0x013),
do not write to this address location.
Default Values
After the AD9684 is reset, critical registers are loaded with
default values. The default values for the registers are given in
Table 29.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
•
“X” denotes a “don’t care” bit.
Channel-Specific Registers
Some channel setup functions, such as the input termination
(Register 0x016), can be programmed to a different value for
each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits
are designated in Table 29 as local. These local registers and bits
can be accessed by setting the appropriate Channel A or
Channel B bits in Register 0x008. If both bits are set, the
subsequent write affects the registers of both channels. In a read
cycle, set only Channel A or Channel B to read one of the two
registers. If both bits are set during an SPI read cycle, the device
returns the value for Channel A. Registers and bits designated
as global in Table 29 affect the entire device and the channel
features for which independent settings are not allowed
between channels. The settings in Register 0x005 do not affect
the global registers and bits.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to Register 0x000,
the AD9684 requires 5 ms to recover. Therefore, when program-
ming the AD9684 for application setup, ensure that an adequate
delay is programmed into the firmware after asserting the soft
reset and before starting the device setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com