Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9684
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9684 Datasheet HTML 26Page - Analog Devices AD9684 Datasheet HTML 27Page - Analog Devices AD9684 Datasheet HTML 28Page - Analog Devices AD9684 Datasheet HTML 29Page - Analog Devices AD9684 Datasheet HTML 30Page - Analog Devices AD9684 Datasheet HTML 31Page - Analog Devices AD9684 Datasheet HTML 32Page - Analog Devices AD9684 Datasheet HTML 33Page - Analog Devices AD9684 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9684
Data Sheet
Rev. 0 | Page 30 of 64
SIGNAL MONITOR
The signal monitor block provides additional information about
the signal being digitized by the ADC. The signal monitor
computes the peak magnitude of the digitized signal. This
information can be used to drive an AGC loop to optimize the
range of the ADC in the presence of real-world signals.
The results of the signal monitor block can be obtained by
reading back the internal values from the SPI port. A global, 24-bit
programmable period controls the duration of the measurement.
Figure 57 shows the simplified block diagram of the signal
monitor block.
The peak detector captures the largest signal within the
observation period. The detector only observes the magnitude
of the signal. The resolution of the peak detector is a 13-bit
value and the observation period is 24 bits and represents
converter output samples.
Derive the peak magnitude using the following equation:
Peak Magnitude (dBFS) = 20log(Peak Detector Value/213)
The magnitude of the input port signal is monitored over a
programmable time period, which is determined by the signal
monitor period register (SMPR). To enable the peak detector
function, set Bit 1 of Register 0x270 in the signal monitor
control register. The 24-bit SMPR must be programmed before
activating this mode.
After enabling this mode, the value in the SMPR is loaded into a
monitor period timer that decrements at the decimated clock
rate. The magnitude of the input signal is compared with the
value in the internal magnitude storage register (not accessible
to the user), and the greater of the two is updated as the current
peak level. The initial value of the magnitude storage register is
set to the current ADC input signal magnitude. This comparison
continues until the monitor period timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the 13-bit
peak level value is transferred to the signal monitor holding
register, which can be read through the memory map. The
monitor period timer is reloaded with the value in the SMPR,
and the countdown is restarted. In addition, the magnitude of
the first input sample is updated in the magnitude storage
register.
DOWN
COUNTER
IS
COUNT = 1?
MAGNITUDE
STORAGE
REGISTER
FROM
INPUT
SIGNAL
MONITOR
HOLDING
REGISTER
LOAD
CLEAR
COMPARE
A > B
LOAD
LOAD
TO STATUS± PINS
AND MEMORY MAP
FROM
MEMORY
MAP
DOWN
COUNTER
LOAD
SIGNAL MONITOR
PERIOD REGISTER
(SMPR)
REG 0x271, REG 0x272, REG 0x273
Figure 57. Signal Monitor Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com