Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 34Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 35Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 38Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 39Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 40Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 41Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 29
Version 1.02
The local processor or PCI requires DMA. PCI 9080 is
master on both the PCI and local buses. Direct Slave or
Direct Master pre-empts DMA.
PCI 9080 releases the PCI bus if one of the following
occurs (refer to Figure 3-15):
•
FIFO full
•
Terminal count reached
•
PCI Latency Timer (PCI:0Dh)(LOC:0Dh) expires
(refer to Table 4-16[7:0])—normally programmed by
the Host PCI BIOS— and PCI GNT# de-asserts
•
PCI host asserts STOP
•
Direct Master request pending


  
 
 
 




*
*

 
   
 
   
!
"# 
$
% & 
 
Figure 3-15. DMA, PCI to Local
PCI 9080 releases the local bus if one of the following
occurs (refer to Figure 3-16):
•
FIFO empty
•
Terminal count reached
•
Local Bus Latency Timer (PCI:08h or PCI:ACh)
(LOC:88h or LOC:12Ch) expires (refer to
Table 4-35[7:0])
•
BREQ# input asserted
•
Direct Slave request pending


  
 



 
   
 
   
!
"# 
$
  ' 

*
*

Figure 3-16. DMA, Local to PCI
3.7.2 Chaining Mode DMA
In Chaining mode DMA, the Host Processor or the Local
Processor sets up descriptor blocks in local or host
memory that are composed of a PCI address, local
address, transfer count, transfer direction, and address
of the next descriptor block (refer to Figure 3-18). Host
or Local Processor then sets up the address of the initial
descriptor block in the descriptor pointer register of the
PCI 9080 and initiates the transfer by setting a control
bit. PCI 9080 loads the first descriptor block and initiates
the data transfer. PCI 9080 continues to load descriptor
blocks and transfer data until it detects the end of chain
bit is set in the next descriptor pointer register. PCI 9080
can be programmed to interrupt the local processor by
setting the "Interrupt after Terminal Count" bit or PCI
host upon completion of each block transfer and after all
block transfers are complete (done) (refer to Figure
3-17). If chaining descriptors are located in local
memory, the DMA controller can be programmed to
clear the transfer size at the completion of each DMA.
(Refer to DMA Clear Count mode, Table 4-62[16] and
Table 4-67[16].)
Notes: In Chaining mode DMA, the descriptor includes
PCI address, local address, transfer size and the next
descriptor
pointer.
(PCI:84h,
location
104-PCI:90h,
location 110D). The descriptor pointer register contains
the end of chain bit, direction of transfer, next descriptor
address, and next descriptor location.
DMA descriptor can be on the local memory or PCI
memory, or both (first descriptor on local memory, and
second descriptor on PCI memory).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com