Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 80Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 81Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 82Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 83Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 84Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 85Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 86Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 74
Version 1.02
4.5.11 (INTCSR; PCI:68h, LOC:E8h) Interrupt Control/Status Register
Table 4-58. (INTCSR; PCI:68h, LOC:E8h) Interrupt Control/Status Register
Field
Description
Read
Write
Value after Reset
0
Enable Local Bus LSERR#. Value of 1 enables PCI 9080 to assert LSERR#
interrupt output when PCI bus Target Abort or Master Abort status bit is set in the
PCI Status configuration register.
Yes
Yes
0
1
Enable Local Bus LSERR# when PCI parity error occurs during PCI 9080 Master
Transfer or PCI 9080 Slave access or Outbound Free List FIFO Overflow Init.
Yes
Yes
0
2
Generate PCI Bus SERR#. When this bit is set to 0, writing a 1 generates a PCI
bus SERR#.
Yes
Yes
0
3
Mailbox Interrupt Enable. Value of 1 enables a Local Interrupt to be generated
when the PCI bus writes to Mailbox registers 0-3. To clear the Local Interrupt, the
Local master must read the Mailbox. Used in conjunction with Local interrupt
enable.
Yes
Yes
0
7:4
Reserved.
Yes
No
0
8
PCI Interrupt Enable. Value of 1 enables PCI interrupts.
Yes
Yes
1
9
PCI Doorbell Interrupt Enable. Value of 1 enables doorbell interrupts. Used in
conjunction with PCI interrupt enable. Clearing the doorbell interrupt bits that
caused the interrupt also clears the interrupt.
Yes
Yes
0
10
PCI Abort Interrupt Enable. Value of 1 enables a master abort or master detect of a
target abort to generate a PCI interrupt. Used in conjunction with PCI interrupt
enable. Clearing the abort status bits also clears the PCI interrupt.
Yes
Yes
0
11
PCI Local Interrupt Enable. Value of 1 enables a local interrupt input to generate a
PCI interrupt. Use in conjunction with PCI interrupt enable. Clearing the local bus
cause of the interrupt also clears the interrupt.
Yes
Yes
0
12
Retry Abort Enable. Value of 1 enables PCI 9080 to treat 256 Master consecutive
retries to a Target as a Target Abort. Value of 0 enables PCI 9080 to attempt
Master Retries indefinitely.
Note:
For diagnostic purposes only.
Yes
Yes
0
13
Value of 1 indicates PCI doorbell interrupt is active.
Yes
No
0
14
Value of 1 indicates PCI abort interrupt is active.
Yes
No
0
15
Value of 1 indicates local interrupt is active (LINTi#).
Yes
No
0
16
Local Interrupt Output Enable. Value of 1 enables local interrupt output.
Yes
Yes
1
17
Local Doorbell Interrupt Enable. Value of 1 enables doorbell interrupts. Used in
conjunction with Local interrupt enable. Clearing the local doorbell interrupt bits that
caused the interrupt also clears the interrupt.
Yes
Yes
0
18
Local DMA Channel 0 Interrupt Enable. Value of 1 enables DMA Channel 0
interrupts. Used in conjunction with Local interrupt enable. Clearing the DMA status
bits also clears the interrupt.
Yes
Yes
0
19
Local DMA Channel 1 Interrupt Enable. Value of 1 enables DMA Channel 1
interrupts. Used in conjunction with Local interrupt enable. Clearing the DMA status
bits also clears the interrupt.
Yes
Yes
0
20
Value of 1 indicates local doorbell interrupt is active.
Yes
No
0
21
Value of 1 indicates DMA Ch 0 interrupt is active.
Yes
No
0
22
Value of 1 indicates DMA Ch 1 interrupt is active.
Yes
No
0
23
Value of 1 indicates BIST interrupt is active.
BIST (Built-In Self Test) interrupt is generated by writing 1 to bit 6 of the PCI
Configuration BIST register. Clearing bit 6 clears the interrupt. Refer to the BIST
Register for a description of self test. (Refer to Table 4-18.)
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com