Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 86Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 87Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 88Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 89Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 90Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 91Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 92Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 81
Version 1.02
4.6.7 (DMAPADR1; PCI:98h, LOC:118h) DMA Channel 1 PCI Address Register
Table 4-68. (DMAPADR1; PCI:98h, LOC:118h) DMA Channel 1 PCI Address Register
Field
Description
Read
Write
Value after Reset
31:0
PCI Data Address Register. Indicates from where in the PCI memory space the
DMA transfers (reads or writes) start.
Yes
Yes
0
4.6.8 (DMALADR1; PCI:9Ch, LOC:11Ch) DMA Channel 1 Local Address Register
Table 4-69. (DMALADR1; PCI:9Ch, LOC:11Ch) DMA Channel 1 Local Address Register
Field
Description
Read
Write
Value after Reset
31:0
Local Data Address Register. Indicates from where in the local memory space the
DMA transfers (reads or writes) start.
Yes
Yes
0
4.6.9 (DMASIZ1; PCI:A0h, LOC:120h) DMA Channel 1 Transfer Size (Bytes) Register
Table 4-70. (DMASIZ1; PCI:A0h, LOC:120h) DMA Channel 1 Transfer Size (Bytes) Register
Field
Description
Read
Write
Value after Reset
22:0
DMA Transfer Size (Bytes). Indicates the number of bytes to transfer during a DMA
operation.
Yes
Yes
0
31:23
Reserved.
Yes
No
0
4.6.10 (DMADPR1; PCI:A4h, LOC:124h) DMA Channel 1 Descriptor Pointer Register
Table 4-71. (DMADPR1; PCI:A4h, LOC:124h) DMA Channel 1 Descriptor Pointer Register
Field
Description
Read
Write
Value after Reset
0
Descriptor Location. Value of 1 indicates PCI address space. Value of 0 indicates
Local Address Space.
Yes
Yes
0
1
End of Chain. Value of 1 indicates end of chain. Value of 0 indicates not end of
chain descriptor. (Same as Nonchaining Mode.)
Yes
Yes
0
2
Interrupt after Terminal Count. Value of 1 causes an interrupt to be generated after
the terminal count for this descriptor is reached. Value of 0 disables interrupts from
being generated.
Yes
Yes
0
3
Direction of Transfer. Value of 1 indicates transfers from local bus to PCI bus. Value
of 0 indicates transfers from PCI bus to local bus.
Yes
Yes
0
31:4
Next Descriptor Address. Quad word aligned (bits [3:0] = 0000).
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com