Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 72Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 73Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 67
Version 1.02
4.4.7 (LBRD0; PCI:18h, LOC:98h) Local Address Space 0/Expansion ROM Bus Region
Descriptor Register
Table 4-39. (LBRD0; PCI:18h, LOC:98h) Local Address Space 0/Expansion ROM Bus Region Descriptor Register
Field
Description
Read
Write
Value after Reset
1:0
Memory Space 0 Local Bus Width. Value of 00 indicates bus width of 8 bits, a value
of 01 indicates bus width of 16 bits and a value of 10 or 11 indicates bus width of
32 bits.
Yes
Yes
S = 01
J = 11
C = 11
5:2
Memory Space 0 Internal Wait States (data to data; 0-15 wait states).
Yes
Yes
0
6
Memory Space 0 Ready Input Enable. Value of 1 enables Ready input. Value of 0
disables Ready input.
Yes
Yes
0
7
Memory Space 0 BTERM# Input Enable. Value of 1 enables BTERM# input. Value
of 0 disables BTERM# input. If this bit is set to 0, PCI 9080 bursts four Lword
maximum at a time.
Yes
Yes
0
8
Memory Space 0 Prefetch Disable. If mapped into memory space, a value of 0
enables read prefetching. Value of 1 disables prefetching. If prefetching is disabled,
PCI 9080 disconnects after each memory read.
Yes
Yes
0
9
Expansion ROM Space Prefetch Disable. Value of 0 enables read prefetching.
Value of 1 disables prefetching. If prefetching is disabled, PCI 9080 disconnects
after each memory read.
Yes
Yes
0
10
Read Prefetch Count Enable. When set to 1 and memory prefetching is enabled,
PCI 9080 prefetches up to the number of Lwords specified in the prefetch count.
When set to 0, PCI 9080 ignores the count and continues prefetching until
terminated by the PCI bus.
Yes
Yes
0
14:11
Prefetch Counter. Number of Lwords to prefetch during memory read cycles (0-15).
A count of zero selects a prefetch of 16 Lwords.
Yes
Yes
0
15
Reserved.
Yes
No
0
17:16
Expansion ROM Space Local Bus Width. Value of 00 indicates bus width of 8 bits,
a value of 01 indicates bus width of 16 bits and a value of 10 or 11 indicates bus
width of 32 bits.
Yes
Yes
S = 01
J = 11
C = 11
21:18
Expansion ROM Space Internal Wait States (data to data; 0-15 wait states).
Yes
Yes
0
22
Expansion ROM Space Ready Input Enable. Value of 1 enables Ready input. Value
of 0 disables Ready input.
Yes
Yes
0
23
Expansion ROM Space BTERM# Input Enable. Value of 1 enables BTERM# input.
Value of 0 disables BTERM# input. If this bit is set to 1, PCI 9080 bursts four Lword
maximum at a time.
Yes
Yes
0
24
Memory Space 0 Burst Enable. Value of 1 enables bursting. Value of 0 disables
bursting. If burst is disabled, the local bus performs continuous single cycles for
burst PCI read/write cycles.
Yes
Yes
0
25
Extra Long Load from serial EEPROM. Value of 1 loads the Subsystem ID and
Local Address Space 1 registers. Value of 0 indicates not to load them.
Yes
No
0
26
Expansion ROM Space Burst Enable. Value of 1 enables bursting. Value of 0
disables bursting. If burst is disabled, the local bus performs continuous single
cycles for burst PCI read/write cycles.
Yes
Yes
0
27
Direct Slave PCI Write Mode. Value of 0 indicates PCI 9080 should disconnect
when the Direct Slave write FIFO is full. Value of 1 indicates PCI 9080 should de-
assert TRDY# when the write FIFO is full.
Yes
Yes
0
31:28
PCI Target Retry Delay Clocks. Contains the value (multiplied by 8) of the number
of PCI bus clocks after receiving a PCI local read or write access and not
successfully completing a transfer. Only pertains to Direct Slave writes when bit 27
is set to 1.
Yes
Yes
4
(32 clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com