Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 80Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 81Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 82Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 70
Version 1.02
4.4.12 (DMCFGA; PCI:2Ch, LOC:ACh) PCI Configuration Address Register for Direct Master to
PCI IO/CFG
Table 4-44. (DMCFGA; PCI:2Ch, LOC:ACh) PCI Configuration Address Register for Direct Master to PCI IO/CFG
Field
Description
Read
Write
Value after Reset
1:0
Configuration Type (00=Type 0, 01=Type 1).
Yes
Yes
0
7:2
Register Number. If different register read/write is needed, this register value must
be programmed and a new PCI configuration cycle must be generated.
Yes
Yes
0
10:8
Function Number.
Yes
Yes
0
15:11
Device Number.
Yes
Yes
0
23:16
Bus Number.
Yes
Yes
0
30:24
Reserved.
Yes
No
0
31
Configuration Enable. Value of 1 allows local to PCI I/O accesses to be converted
to a PCI configuration cycle. The parameters in this table are used to generate the
PCI configuration address.
Yes
Yes
0
Note:
Refer to the Configuration Cycle Generation example in Section 3.6.1.6, “CFG (PCI Configuration Type 0 or Type
1 Cycles).”
4.4.13 (LAS1RR; PCI:F0h, LOC:170h) Local Address Space 1 Range Register for PCI to Local
Bus
Table 4-45. (LAS1RR; PCI:F0h, LOC:170h) Local Address Space 1 Range Register for PCI to Local Bus
Field
Description
Read
Write
Value after Reset
0
Memory Space Indicator. Value of 0 indicates Local Address Space 1 maps into
PCI memory space. Value of 1 indicates address space 1 maps into PCI I/O space.
Yes
Yes
0
2:1
If mapped into memory space, encoding is as follows:
2/1
Meaning
0 0
Locate anywhere in 32 bit PCI address space
0 1
Locate below 1 MB in PCI address space
1 0
Locate anywhere in 64 bit PCI address space
1 1
Reserved
If mapped into I/O space, bit 1 must be set to 0.
Bit 2 is included with bits [31:3] to indicate decoding range.
Yes
Yes
0
3
If mapped into memory space, a value of 1 indicates reads are prefetchable (bit has
no effect on the operation of the PCI 9080, but is for system status). If mapped into
I/O space, bit is included with bits [31:2] to indicate decoding range.
Yes
Yes
0
31:4
Specifies which PCI address bits to use for decoding a PCI access to local bus
space 1. Each of the bits corresponds to a PCI address bit. Bit 31 corresponds to
Address bit 31. Write a value of 1 to all bits that must be included in decode and a 0
to all others (Used in conjunction with PCI Configuration Register Ch 1). Default is
1 MB.
Yes
Yes
FFF0000h
Note:
Range (not Range register) must be power of 2. “Range register value” is the inverse of range.
User should limit all I/O spaces to 256 bytes per PCI 2.1 spec.
If QSR bit 0 is set, defines PCI Base Address 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com