Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 41Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 42Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 43Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 44Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 45Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 46Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 47Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 48Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 36
Version 1.02
master abort and target abort interrupt bits in the PCI
Status configuration register.
Bits [26:24] of the Interrupt Control/Status Register (refer
to Table 4-58) are latched at the time of a target abort
interrupt
or
master
abort
interrupt.
They
provide
information as to who was master when an abort
occurred. PCI 9080 updates these bits whenever an
abort occurs.
3.12.2 Local Interrupts (LINTo#)
A PCI 9080 Local Interrupt (LINTo#) can be generated
by one of the following:
•
PCI to Local Doorbell/Mailboxes Register access
•
PCI BIST interrupt, the DMA done interrupt
•
DMA terminal count is reached
•
DMA abort interrupt or messaging outbound post
queue not empty
LINTo#, or individual sources of an interrupt, can be
enabled or disabled with the PCI 9080 Interrupt
Control/Status Register (refer to Table 4-58). Interrupt
Control/Status Register also provides interrupt status for
each source of the interrupt.
PCI 9080 local interrupt is a level output. An interrupt
can be cleared by disabling the interrupt enable bit of a
source or by clearing the cause of an interrupt.
3.12.2.1 Local to PCI Doorbell Interrupt
A local bus master can generate a PCI bus interrupt by
writing to the Local to PCI Doorbell Register (refer to
Table 4-57). PCI host processor can then read PCI 9080
Interrupt Control/Status Register (refer to Table 4-58) to
determine that a doorbell interrupt is pending. It can then
read the PCI 9080 Local to PCI Doorbell Register.
Each bit in the Local to PCI Doorbell Register is
individually controlled. Bits in the Doorbell Register can
only be set by the local side. From the local side, writing
a 1 to any bit position sets that bit and writing a 0 to a bit
position has no effect. Bits in the Local to PCI Doorbell
Register can only be cleared from the PCI side. From
the PCI side, writing a 1 to any bit position clears that bit
and writing a 0 to a bit position has no effect.
The interrupt remains asserted as long as any of the
Local to PCI Doorbell Register bits are set and PCI
Doorbell interrupt is enabled.
To prevent race conditions when the PCI bus is
accessing the Doorbell Register (or any configuration
register), PCI 9080 automatically de-asserts READYo#
to prevent local bus accesses.
3.12.2.2 PCI to Local Doorbell Interrupt
A PCI bus master can generate a local bus interrupt by
writing to the PCI to Local Doorbell Register (refer to
Table 4-56). Local processor can then read the PCI
9080 Interrupt Control/Status Register (refer to Table 4-
58) to determine that a doorbell interrupt is pending. It
can then read the PCI 9080 PCI to Local Doorbell
Register.
Each bit in the PCI to Local Doorbell Register is
individually controlled. Bits in the Doorbell Register can
only be set by the PCI side. From the PCI side, writing 1
to any bit position sets that bit and writing 0 to a bit
position has no effect. Bits in the PCI to Local Doorbell
Register can only be cleared from the local side. From
the local side, writing 1 to any bit position clears that bit
and writing 0 to a bit position has no effect.
Note:
If local side cannot clear Doorbell Interrupt, do
not use the PCI to Local Doorbell Register.
The interrupt remains asserted as long any of the PCI to
Local Doorbell Register bits are set and the Local
Doorbell interrupt is enabled.
To prevent race conditions when the local bus is
accessing the Doorbell Register (or any configuration
register), PCI 9080 automatically issues a RETRY to the
PCI bus.
3.12.2.3 Built-In Self Test Interrupt (BIST)
A PCI bus master can generate a local bus interrupt by
performing a PCI Type 0 configuration write to a bit in
the PCI BIST Register. The local processor can then
read the PCI 9080 Interrupt Control/Status Register
(refer to Table 4-58) to determine that a BIST interrupt is
pending.
The interrupt remains asserted as long as the bit is set
and the BIST interrupt is enabled. The local bus then
resets the bit when BIST is complete. PCI Host software
may fail the device if the bit is not reset after two
seconds.
Note:
PCI 9080 does not have internal BIST.
3.12.2.4 DMA Channel 0/1 Interrupts
A DMA channel can generate a PCI or local bus interrupt
when done (transfer complete) or after a transfer is
complete for a descriptor in chaining mode. A bit in the
DMA mode register determines whether to generate a
PCI or local interrupt. The local or PCI processor can
then read the PCI 9080 Interrupt Control/Status Register
(refer to Table 4-58) to determine whether a DMA
channel interrupt is pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com