Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 68Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 69Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 70Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 71Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 72Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 73Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 63
Version 1.02
4.4 LOCAL CONFIGURATION REGISTERS
4.4.1 (LAS0RR; PCI:00h, LOC:80h) Local Address Space 0 Range Register for PCI to Local
Bus
Table 4-33. (LAS0RR; PCI:00h, LOC:80h) Local Address Space 0 Range Register for PCI to Local Bus
Field
Description
Read
Write
Value after Reset
0
Memory Space Indicator. Value of 0 indicates Local address space 0 maps into PCI
memory space. Value of 1 indicates address space 0 maps into PCI I/O space.
Yes
Yes
0
2:1
If mapped into memory space, encoding is as follows:
2/1
Meaning
0 0
Locate anywhere in 32 bit PCI address space
0 1
Locate below 1 MB in PCI address space
1 0
Locate anywhere in 64 bit PCI address space
1 1
Reserved
If mapped into I/O space, bit 1 must be set to 0.
Bit 2 is included with bits [31:3] to indicate decoding range.
Yes
Yes
0
3
If mapped into memory space, a value of 1 indicates reads are prefetchable (bit has
no effect on the operation of the PCI 9080, but is used for system status). If
mapped into I/O space, bit is included with bits [31:2] to indicate decoding range.
Yes
Yes
0
31:4
Specifies which PCI address bits to use for decoding a PCI access to local bus
space 0. Each bit corresponds to a PCI address bit. Bit 31 corresponds to Address
bit 31. Write a value of 1 to all bits to be included in decode and a 0 to all others
(used in conjunction with PCI Configuration register 18h). Default is 1 MB.
Yes
Yes
FFF0000h
Notes: Range (not Range register) must be power of 2. “Range register value” is the inverse of range.
User should limit all I/O spaces to 256 bytes per PCI v2.1 spec.
4.4.2 (LAS0BA; PCI:04h, LOC:84h) Local Address Space 0 Local Base Address (Remap)
Register
Table 4-34. (LAS0BA; PCI:04h, LOC:84h) Local Address Space 0 Local Base Address (Remap) Register
Field
Description
Read
Write
Value after Reset
0
Space 0 Enable. Value of 1 enables decoding of PCI addresses for Direct Slave
access to local space 0. Value of 0 disables decoding. If this bit is set to 0, the PCI
BIOS may not allocate (assign) the base address for Space 0.
Note:
Must be set to 1 for any Direct Slave access to Space 0.
Yes
Yes
0
1
Reserved.
Yes
No
0
3:2
If local space 0 is mapped into memory space, bits are not used. If mapped into I/O
space, bit is included with bits [31:4] for remapping.
Yes
Yes
0
31:4
Remap of PCI Address to Local Address Space 0 into a Local Address Space. The
bits in this register remap (replace) the PCI Address bits used in decode as the
Local Address bits.
Note:
Remap Address value must be multiple of Range (not the Range
register).
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com