| Electronic Components Datasheet Search |
|
PCI9060 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers |
|
46 / 192 page ![]() SECTION 3 PCI 9080 FUNCTIONAL DESCRIPTION ©PLX Technology, Inc., 1997 Page 37 Version 1.02 A Done Status Bit in the Control/Status Register can be used to determine whether the interrupt is • A done interrupt • The result of a transfer for a descriptor in a chain that is not yet complete Mode Register of a channel enables a done interrupt. In chaining mode, a bit in the Next Descriptor Pointer Register of the channel (loaded from local memory) specifies whether to generate an interrupt at the end of the transfer for the current descriptor. A DMA channel interrupt is cleared by writing a 1 to the Clear Interrupt bit in the DMA Command/Status Register (refer to Table 4-72[3] and Table 4-73[3]). 3.12.3 PCI SERR# (PCI NMI) PCI 9080 generates an SERR# pulse if parity checking is enabled in the PCI Command Register and it detects an address parity error or the Generate SERR# Bit in the Interrupt Control/Status Register (refer to Table 4-58) is 0 and a 1 is written. SERR# output can be enabled or disabled with PCI Command Register. 3.12.4 Local LSERR# (Local NMI) LSERR# interrupt output is asserted if the following occurs: • PCI Bus Target Abort or Master Abort status bit is set in the PCI Status configuration register • Parity error status bit is set in the PCI Status configuration register • Messaging outbound free queue overflows If parity error checking is enabled in the PCI Command Register, PCI 9080 sets the Master Detected Parity Error Status bit in the PCI Status configuration register (refer to Table 4-12) if it detects one of the following: • Parity error during a PCI 9080 master read • PCI bus signal PERR# being asserted during a PCI 9080 master write PCI 9080 sets a parity error bit in the PCI Status configuration register (refer to Table 4-12) if it detects one of the following: • Data parity error during a PCI 9080 master read • Data parity error during a slave write access to the PCI 9080 • Address parity error The PCI 9080 Interrupt Control/Status Register (refer to Table 4-58) can be used to individually enable or disable LSERR# for an abort or parity error. LSERR# is a level output that remains asserted as long as the Abort or Parity Error Status bits are set. 3.13 I20 COMPATIBLE MESSAGE UNIT Messaging Unit supplies two paths for messages, two inbound FIFOs to receive messages from the primary PCI bus and two outbound FIFOs to pass messages to the primary PCI bus. Refer to I2O Architecture Specification v1.5 for details. Figure 3-22 and Figure 3-23 illustrate information about the I20 architecture. + &! $ , - $ Figure 3-22. I2O System Architecture Figure 3-23. I2O Software Architecture |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |