Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 69Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 70Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 71Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 72Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 73Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 64
Version 1.02
4.4.3 (MARBR; PCI:08h or ACh, LOC:88h or 12Ch) Mode/Arbitration Register
Table 4-35. (MARBR; PCI:08h or ACh, LOC:88h or 12Ch) Mode/Arbitration Register
Field
Description
Read
Write
Value after Reset
7:0
Local Bus Latency Timer. Number of local bus clock cycles before negating HOLD
and releasing the local bus. This timer is also used with bit 27 to delay BREQ input
to give up the local bus only when this timer expires.
Yes
Yes
00
15:8
Local Bus Pause Timer. Number of local bus clock cycles before reasserting HOLD
after releasing the local bus.
Note:
Applicable only to DMA operation.
Yes
Yes
00
16
Local Bus Latency Timer Enable. Value of 1 enables latency timer.
Yes
Yes
0
17
Local Bus Pause Timer Enable. Value of 1 enables pause timer.
Yes
Yes
0
18
Local Bus BREQ Enable. Value of 1 enables local bus BREQ input. When the
BREQ input is active, PCI 9080 negates HOLD and releases the local bus.
Yes
Yes
0
20:19
DMA Channel Priority. Value of 00 indicates a rotational priority scheme. Value of
01 indicates Channel 0 has priority. Value of 10 indicates Channel 1 has priority.
Value of 11 is reserved.
Yes
Yes
0
21
Local Bus Direct Slave Give up Bus Mode. When set to 1, PCI 9080 negates HOLD
and releases the local bus when the Direct Slave write FIFO becomes empty during
a Direct Slave write or when the Direct Slave read FIFO becomes full during a
Direct Slave read.
Yes
Yes
1
22
Direct Slave LLOCKo# Enable. Value of 1 enables PCI Direct Slave locked
sequences. Value of 0 disables Direct Slave locked sequences.
Yes
Yes
0
23
PCI Request Mode. Value of 1 causes PCI 9080 to negate REQ when it asserts
FRAME during a master cycle. Value of 0 causes PCI 9080 to leave REQ asserted
for the entire bus master cycle.
Yes
Yes
0
24
PCI Rev 2.1 Mode. When set to 1, PCI 9080 operates in Delayed Transaction mode
for Direct Slave Reads. PCI 9080 issues a RETRY and prefetches the read data.
Yes
Yes
0
25
PCI Read No Write Mode. Value of 1 forces a retry on writes if read is pending.
Value of 0 allows writes to occur while read is pending.
Yes
Yes
0
26
PCI Read with Write Flush Mode. Value of 1 submits a request to flush a pending
read cycle if a write cycle is detected. Value of 0 submits a request to not effect
pending reads when a write cycle occurs (PCI v2.1 compatible).
Yes
Yes
0
27
Gate the Local Bus Latency Timer with BREQ. If this bit is set to 0, PCI 9080 gives
up the local bus during Direct Slave or DMA transfer after the current cycle (if
enabled and BREQ is sampled). If this bit is set to 1, PCI 9080 gives up the local
bus only (if BREQ is sampled) and the Local Bus Latency Timer is enabled and
expired during Direct Slave or DMA transfer.
Yes
Yes
0
28
PCI Read No Flush Mode. Value of 1 submits request to not flush the read FIFO
if PCI read cycle completes (Read Ahead mode).
Value of 0 submits request to flush read FIFO if PCI read cycle completes.
Yes
Yes
0
29
If set to 0, reads from the PCI Configuration Register address 00h and returns the
Device ID and Vendor ID. If set to 1, reads from the PCI Configuration Register
address 00h and returns the Subsystem ID and Subsystem Vendor ID.
Yes
Yes
0
31:30
Reserved.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com