Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 90Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 91Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 92Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 85
Version 1.02
4.7.4 (OQP; PCI:44h) Outbound Queue Port Register
Table 4-78. (OQP; PCI:44h) Outbound Queue Port Register
Field
Description
Read
Write
Value after Reset
31:0
Value written by PCI master is stored into the Outbound Free List FIFO, which is
located in local memory at the address pointed to by the Queue Base Address +
(3*FIFO Size) + Outbound Free Head Pointer. From the time of the PCI write until
the local memory write and update of the Outbound Free Head Pointer, further
accesses to this register result in a retry. If FIFO fills up, a local LSERR interrupt is
generated.
When the port is read by the PCI master, the value is read from the Outbound Post
List FIFO, which is located in local memory at the address pointed to by the Queue
Base Address + (2*FIFO Size) + Outbound Post Tail Pointer. If FIFO is empty, a
value of FFFFFFFh is returned. A PCI interrupt is generated if Outbound Post List
FIFO is not empty.
PCI
PCI
0
4.7.5 (MQCR; PCI:C0h, LOC:140h) Messaging Queue Configuration Register
Table 4-79. (MQCR; PCI:C0h, LOC:140h) Messaging Queue Configuration Register
Field
Description
Read
Write
Value after Reset
0
Queue Enable. Value of 1 allows accesses to the Inbound and Outbound Queue
ports. If cleared to 0, writes are accepted but ignored and reads return FFFFFFFF.
All pointer initialization and frame allocation should be completed before enabling
this bit.
Yes
Yes
0
5:1
Circular FIFO Size. Defines the size of one of the circular FIFOs. Each of the four
FIFOs are the same size. Each FIFO entry is one 32 bit word.
FIFO Size Encoding
Max entries
FIFO
Total FIFO
5:1
per FIFO
Size
Memory
00001
4K entries
16 KB
64 KB
00010
8K entries
32 KB
128 KB
00100
16K entries
64 KB
256 KB
01000
32K entries
128 KB
512 KB
10000
64K entries
256 KB
1 MB
Yes
Yes
00001
31:6
Reserved.
Yes
No
0
4.7.6 (QBAR; PCI:C4h, LOC:144h) Queue Base Address Register
Table 4-80. (QBAR; PCI:C4h, LOC:144h) Queue Base Address Register
Field
Description
Read
Write
Value after Reset
19:0
Reserved.
Yes
No
0
31:20
Queue Base Address. Local memory base address of the Inbound and Outbound
Queues (four contiguous and equal size FIFOs). Queue base address must be
aligned on a 1 MB boundary.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com