Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 91Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 92Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 86
Version 1.02
4.7.7 (IFHPR; PCI:C8h, LOC:148h) Inbound Free Head Pointer Register
Table 4-81. (IFHPR; PCI:C8h, LOC:148h) Inbound Free Head Pointer Register
Field
Description
Read
Write
Value after Reset
1:0
Reserved.
Yes
No
0
19:2
Inbound Free Head Pointer. Local Memory Offset for Inbound Free List FIFO. This
register is initialized as (0*FIFO Size) and maintained by the local CPU software.
Yes
Yes
0
31:20
Queue Base Address.
Yes
No
0
4.7.8 (IFTPR; PCI:CCh, LOC:14Ch) Inbound Free Tail Pointer Register
Table 4-82. (IFTPR; PCI:CCh, LOC:14Ch) Inbound Free Tail Pointer Register
Field
Description
Read
Write
Value after Reset
1:0
Reserved.
Yes
No
0
19:2
Inbound Free Tail Pointer. Local Memory Offset for Inbound Free List FIFO. This
register is initialized as (0*FIFO Size) by the local CPU software. It is maintained by
the MU hardware and is incremented modulo the FIFO size.
Yes
Yes
0
31:20
Queue Base Address.
Yes
No
0
4.7.9 (IPHPR; PCI:D0h, LOC:150h) Inbound Post Head Pointer Register
Table 4-83. (IPHPR; PCI:D0h, LOC:150h) Inbound Post Head Pointer Register
Field
Description
Read
Write
Value after Reset
1:0
Reserved.
Yes
No
0
19:2
Inbound Post Head Pointer. Local Memory Offset for Inbound Post List FIFO. This
register is initialized as (1*FIFO Size) by the local CPU software. It is maintained by
the MU hardware and is incremented modulo the FIFO size.
Yes
Yes
0
31:20
Queue Base Address.
Yes
No
0
4.7.10 (IPTPR; PCI:D4h, LOC:154h) Inbound Post Tail Pointer Register
Table 4-84. (IPTPR; PCI:D4h, LOC:154h) Inbound Post Tail Pointer Register
Field
Description
Read
Write
Value after Reset
1:0
Reserved.
Yes
No
0
19:2
Inbound Post Tail Pointer. Local Memory Offset for Inbound Post List FIFO. This
register is initialized as (1*FIFO Size) and maintained by the local CPU software.
Yes
Yes
0
31:20
Queue Base Address.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com