Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 50Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 52Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 53Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 54Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 57Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 45
Version 1.02
Table 4-2. Register Differences between PCI 9080 and PCI 9060 (continued)
Register
PCI/Local Offset
Bits
Description
3
Mailbox Interrupt Enable
28
Mailbox 0 Interrupt Status
29
Mailbox 1 Interrupt Status
30
Mailbox 2 Interrupt Status
INTCSR
68/E8
31
Mailbox 3 Interrupt Status
PCIHIDR
70/F0
31:0
PCI Permanent Configuration ID Register
PCIHREV
74/F4
7:0
PCI Permanent Revision ID Register
13
Write and Invalidate Mode for DMA Channel 0 transfers
13
DMA Write and Invalidate Mode
14
DMA EOT[1:0]# (End of Transfer) Input Pin Enable
15
DMA Stop Data Transfer Mode
16
DMA Clear Count Mode
DMAMODE0
80/100
17
DMA Interrupt Select
DMADPR0
90/110
0
DMA Descriptor Location Selector (PCI or Local)
13
DMA Write and Invalidate Mode
14
DMA EOT[1:0]# (End of Transfer) Input Pin Enable
15
DMA Stop Data Transfer Mode
16
DMA Clear Count Mode
DMAMODE1
94/114
17
DMA Interrupt Select
DMADPR1
A4/124
0
DMA Descriptor Location Selector (PCI or Local)
DMACSR0
A8/128
4
DMA Channel 0 Done
DMACSR1
A9/129
4
DMA Channel 1 Done
DMATHR
B0/130
15:0
Changed thresholds to accommodate 32 word write FIFOs
OPQIS
30/B0
31:0
Outbound Post Queue Interrupt Status Register
OPQIM
34/B4
31:0
Outbound Post Queue Interrupt Mask Register
IQP
40
31:0
Inbound Queue Port
OQP
44
31:0
Outbound Queue Port
MQCR
C0/140
31:0
Messaging Queue Configuration Register
QBAR
C4/144
31:0
Queue Base Address Register
IFHPR
C8/148
31:0
Inbound Free Head Pointer Register
IFTPR
CC/14C
31:0
Inbound Free Tail Pointer Register
IPHPR
D0/150
31:0
Inbound Post Head Pointer Register
IPTPR
D4/154
31:0
Inbound Post Tail Pointer Register
OFHPR
D8/158
31:0
Outbound Free Head Pointer Register
OFTPR
DC/15C
31:0
Outbound Free Tail Pointer Register
OFHPR
E0/160
31:0
Outbound Post Head Pointer Register
OPTPR
E4/164
31:0
Outbound Post Tail Pointer Register
QSR
E8/168
7:0
Queue Status/Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com