Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
SECTION 1
PCI 9080
GENERAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 2
Version 1.02
 

 

!
 
"
#$
  


" 
%
& " 
'! ()*
 +, -
& .

& " /
 & /

" 

!
..#
"0
 
  
  
  
  
 
 
 
 

 
 

 
 !"

 
  
 !
 
" # $
 !
 
" # %
 !
 
  
 !
  
  
 !
  
" # $
 !
  
" # %
 !
  
  
 !
Figure 1-2. PCI 9080 Internal Block Diagram
1.1 APPLICATIONS FOR THE PCI 9080
1.1.1 PCI Adapter Cards
Major PCI adapter card applications for the PCI 9080
include high performance communications, networking,
disk control, multimedia, and video adapters. PCI 9080
moves data between the host PCI bus and adapter local
bus in several ways. First, the local CPU or host
processor may program the DMA controller of the PCI
9080 to move data between the adapter memory and
host PCI bus. Second, PCI 9080 can perform “Direct
Master Transfers,” whereby a local CPU or controller
accesses the PCI bus directly through a PCI master
transfer. PCI 9080 also supports slave transfers in which
another PCI device is the master. Finally, PCI 9080
contains a complete messaging unit with mailbox
registers, doorbell registers, and queue management
pointers that can be used for message passing under
the I2O protocol or a custom protocol.
1.1.2 Embedded Systems
Another application for PCI 9080 is in embedded
systems, such as network hubs and routers, printer
engines, and industrial equipment. In this configuration,
all four of the above-mentioned data transfer modes are
used. In addition, PCI 9080 supports Type 0 and Type 1
PCI configuration cycles, which allows embedded CPU
to act as the embedded system host and to configure
other PCI devices in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com