Electronic Components Datasheet Search
  English  ▼

X  

PCI9060 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # PCI9060
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button PCI9060 Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9060 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 192 page
background image
SECTION 4
PCI 9080
REGISTERS
©PLX Technology, Inc., 1997
Page 88
Version 1.02
4.7.15 (QSR; PCI:E8h, LOC:168h) Queue Status/Control Register
Table 4-89. (QSR; PCI:E8h, LOC:168h) Queue Status/Control Register
Field
Description
Read
Write
Value after Reset
0I20 Decode Enable. When this bit is set, Mailbox registers 0 and 1 are replaced by
the Inbound and Outbound Queue Port Registers and redefines Space 1 as PCI
Base Address 0 to be accessed by PCIBAR0. Former Space 1 registers F0, F4,
and F8 should be programmed to configure their shared I20 memory space, defined
as PCI Base Address 0.
Yes
Yes
0
1
Queue Local Space Select. When this bit is set to 0, use Local Address Space 0
bus region descriptor for queue accesses. When this bit is set to 1, use Local
Address Space 1 bus region descriptor for queue accesses.
Yes
Yes
0
2
Outbound Post List FIFO Prefetch Enable. When this bit is set, prefetching occurs
from the Outbound Post List FIFO if not empty.
Yes
Yes
0
3
Inbound Free List FIFO Prefetch Enable. When this bit is set, prefetching occurs
from the Inbound Free List FIFO if not empty.
Yes
Yes
0
4
Inbound Post List FIFO Interrupt Mask. Interrupt is masked when bit is set.
Yes
Yes
1
5
Inbound Post List FIFO Interrupt. This bit is set when the Inbound Post List FIFO
is not empty. This bit is not affected by the Interrupt Mask bit.
Yes
No
0
6
Outbound Free List FIFO Overflow Interrupt Mask. Interrupt is masked when bit
is set.
Yes
Yes
1
7
Outbound Free List FIFO Overflow Interrupt. This bit is set when the Outbound Free
List FIFO becomes full. A local LSERR (NMI) interrupt is generated if enabled in the
Interrupt Control/Status Register. Writing 1 clears the interrupt.
Yes
Yes/Clr
0
31:8
Unused.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com