Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 128Page - National Semiconductor (TI) DP83266VF Datasheet HTML 129Page - National Semiconductor (TI) DP83266VF Datasheet HTML 130Page - National Semiconductor (TI) DP83266VF Datasheet HTML 131Page - National Semiconductor (TI) DP83266VF Datasheet HTML 132Page - National Semiconductor (TI) DP83266VF Datasheet HTML 133Page - National Semiconductor (TI) DP83266VF Datasheet HTML 134Page - National Semiconductor (TI) DP83266VF Datasheet HTML 135Page - National Semiconductor (TI) DP83266VF Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 152 page
background image
80 Signal Descriptions (Continued)
82 PHY INTERFACE
The PHY Interface signals transfer symbol pairs between the MACSI and PLAYERa devices Transfers are synchronous using
the 125 MHz Local Byte Clock signal (signal provided by the PLAYERa device)
A control bit is used to indicate if a Data symbol pair or Control symbol pair or a mixed ControlData symbol pair are being
transferred
Parity is generated on the PH
Indicate and MA
Indicate data Parity is checked on the PH
Request and MA
Request data
Symbol
Pin
IO
Description
PRP
122
O
PHY Request Parity
Odd parity for PRC and PRD7 – 0
PRC
120
O
PHY Request Control
0
Indicates PRD7 – 0 contains a Data symbol pair
1
Indicates PRD7 – 0 contains a Control or mixed ControlData symbol pair
PRD7 – PRD0
118 116 114
O
PHY Request Data
Contains a Data or Control symbol pair
110 108 106
104 102
PIP
123
I
PHY Indicate Parity
Odd parity for PIC and PID7 – 0
PIC
121
I
PHY Indicate Control
0
Indicates PRD7 – PRD0 contains a Data symbol pair
1
Indicates PRD7 – PRD0 contains a Control or mixed ControlData symbol pair
PID7 – PID0
119 117 115
I
PHY Indicate Data
Contains a Data or a mixed ControlData symbol pair
111 109 107
105 103
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com