Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 130Page - National Semiconductor (TI) DP83266VF Datasheet HTML 131Page - National Semiconductor (TI) DP83266VF Datasheet HTML 132Page - National Semiconductor (TI) DP83266VF Datasheet HTML 133Page - National Semiconductor (TI) DP83266VF Datasheet HTML 134Page - National Semiconductor (TI) DP83266VF Datasheet HTML 135Page - National Semiconductor (TI) DP83266VF Datasheet HTML 136Page - National Semiconductor (TI) DP83266VF Datasheet HTML 137Page - National Semiconductor (TI) DP83266VF Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 152 page
background image
80 Signal Descriptions (Continued)
The Idle and PH
Invalid encodings overlap Idle symbols received while the PLAYERa device is in Active Line State (ALS) or
Idle Line State (ILS0 are not considered PH
INVALID) Idle symbols received while the PLAYERa device is in states other
than ALS or ILS are treated as PH
Invalid
PH
DATARequest
The Ring Engine generates the 10-bit byte stream as defined in Table 8-2 Note that all symbol pairs are either control or data
symbol pairs Mixed datacontrol symbol pairs are never generated or repeated by the Ring Engine
TABLE 8-2 Internal PHY Request Coding
Value
PRP
PRC
PRD(7 – 4)
PRD(3 – 0)
Type
0
1
0
0000
0000
Data Symbol Pair
1
0
0
0000
0001
Data Symbol Pair
254
0
0
1111
1110
Data Symbol Pair
255
1
0
1111
1111
Data Symbol Pair
JK
0
1
1101
1101
Start Delimiter
I I
0
1
1010
1010
Idle Symbols
RR
0
1
0110
0110
Frame Status
RS
1
1
0110
0111
Frame Status
RT
0
1
0110
0101
Frame Status
SS
0
1
0111
0111
Frame Status
SR
1
1
0111
0110
Frame Status
ST
1
1
0111
0101
Frame Status
TR
0
1
0101
0110
Ending Delimiter
TS
1
1
0101
0111
Ending Delimiter
TT
0
1
0101
0101
Ending Delimiter
Where
PRP
PHY Request Parity bit parity for all symbol pairs is ODD
PRC
PHY Request control bit
0 t data byte
1 t control byte
PRD(7 – 0) PHY Request Data (7 – 0)
The Ring Engine can repeat the RT and ST symbol pairs but will not generate them
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com