Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 131Page - National Semiconductor (TI) DP83266VF Datasheet HTML 132Page - National Semiconductor (TI) DP83266VF Datasheet HTML 133Page - National Semiconductor (TI) DP83266VF Datasheet HTML 134Page - National Semiconductor (TI) DP83266VF Datasheet HTML 135Page - National Semiconductor (TI) DP83266VF Datasheet HTML 136Page - National Semiconductor (TI) DP83266VF Datasheet HTML 137Page - National Semiconductor (TI) DP83266VF Datasheet HTML 138Page - National Semiconductor (TI) DP83266VF Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 152 page
background image
80 Signal Descriptions (Continued)
83 EXTERNAL MATCHING INTERFACE
The External Matching Interface provides the means to add external address recognition logic The results of these address
comparisons are conveyed on the appropriate signals
Symbol
Pin
IO
Description
ECIP
86
I
External Compare In Progress
This signal is asserted to indicate that external address
comparison has begun It is deasserted to indicate that the comparison has completed ECOPY
and EM are sampled on the rising edge of LBC1 after the deassertion of ECIP ECIP must be
asserted before the seventh byte of the INFO field in order for the MACSI device to recognize an
external comparison It must be deasserted for at least one cycle for the external comparison to
complete If ECIP has not been deasserted before two bytes after the End Delimiter (ED from the
PLAYERa device) the MACSI device will not copy this frame ECIP may be implemented as a
positive or negative pulse Note that ECIP will affect the operation of the MACSI device even if the
external copy mode is not specifically selected See Section 63 on page 30 for more details on the
external matching interface
ECOPY
84
I
External Copy
Indicates that the current frame should be copied if possible Sampled on the
rising edge of LBC1 after ECIP is deasserted
EA
85
I
External Destination Address Match
Indicates that an explicit match occurred on the current
frame This affects the setting of the A indicator for this frame Sampled one byte time before ED is
received by the Ring Engine
EM
87
I
External Source Address Match
Indicates that the current frame was transmitted by this station
and should be stripped The Ring Engine will begin stripping three byte times after the assertion of
EM The Service Engine samples EM on the rising edge of LBC1 after the deassertion of ECIP
LEARN
90
O
Learn
Provided for transparent bridging applications Indicates that the current frame should be
copied and the Source Address be added to the address filter database if not already present This
signal is asserted for Long Address frames which were not sourced by this station If frames are
sent using Source Address Transparency (SAT) using the My
Void stripping mechanism Learn
will be false from the transmission of the first SAT frame until after the My
Void frame is received
Learn is valid at the ‘‘INFO Received’’ point for each frame This is when the fourth byte of INFO
field passes between the Ring Engine and the System Interface This occurs three byte-times after
the fourth byte of the INFO field passes between the PLAYERa device and the MACSI device
AFINHIB
26
I
AFLAG Inhibit
For MACSI Revision D or later this pin allows the User to suppress internal
address recognition on individual frames By asserting this pin before the 7th byte of the INFO field
(as measured at the PID interface) the User can block the AFLAG signal between the MAC and
the System Interface For the MACSI to recognize this pin the User must assert the MAC Mode
Register 2 AFLAG Inhibit Enable bit (MCMR2AFIE) For MACSI Revision prior to D this is a No
Connect pin
84 LED INTERFACE
These signals provide a means for controlling status LEDs to give a visual indication of transmit and receive activity Since the
LED control pins use open-drain output structures the User must supply pull-up resistors This interface is only available on
MACSI Revision D or later
Symbol
Pin
IO
Description
TXLED
98
OD
Transmit LED
The MACSI will assert this pin when it detects that the Request State machine has
entered the ‘‘sending’’ state (once per transmitted frame) Note that the MACSI device will not
assert TXLED for internally generated MAC frames This pin will not drive an LED directly The User
must supply a one-shot circuit to create a pulse long enough to make the LED visible
RXLED
99
OD
Receive LED
The MACSI will assert this pin when it detects the End Delimiter of a copied frame
(VCOPY and EDRCVD) This pin will not drive an LED directly The User must supply a one-shot
circuit to create a pulse long enough to make the LED visible
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com