Electronic Components Datasheet Search
  English  ▼

X  

DP83840A Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83840A
Description  10/100 Mb/s Ethernet Physical Layer
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83840A Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83840A Datasheet HTML 21Page - National Semiconductor (TI) DP83840A Datasheet HTML 22Page - National Semiconductor (TI) DP83840A Datasheet HTML 23Page - National Semiconductor (TI) DP83840A Datasheet HTML 24Page - National Semiconductor (TI) DP83840A Datasheet HTML 25Page - National Semiconductor (TI) DP83840A Datasheet HTML 26Page - National Semiconductor (TI) DP83840A Datasheet HTML 27Page - National Semiconductor (TI) DP83840A Datasheet HTML 28Page - National Semiconductor (TI) DP83840A Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
3.0 Functional Description (Continued)
25
National Semiconductor
Version A
FIGURE 7. 50 MHz and 20 MHz References
MUX
DIV 2.0
50 MHz
OSC
X2
X1
OSCIN
CLK25M
REFIN
TX_CLK
SPEED
SELECT
20 MHz TO 10 Mb/s SECTION
25 MHz TO 100 Mb/s SECTION
25 MHz FROM 100 Mb/s SECTION
2.5 MHz (OR 10 MHz) FROM 10 Mb/s SECTION
50ppm
20 MHz
OSC
50ppm
MUX
DIV 2.0
50 MHz
OSC
X2
X1
OSCIN
CLK25M
REFIN
TX_CLK
SPEED
SELECT
20 MHz TO 10 Mb/s SECTION
25 MHz TO 100 Mb/s SECTION
25 MHz FROM 100 Mb/s SECTION
2.5 MHz (OR 10 MHz) FROM 10 Mb/s SECTION
50ppm
20 MHZ
0.005%
* 33 pF
* 33 pF
* NOTE: REFER TO CRYSTAL MANUFACTURE FOR RECOMMENDED CRYSTAL LOAD CAPACITANCE
FIGURE 8. 50 MHz Reference and 20 MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com